データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS2-154W-R2SLASHCE

  • AI
    Based on the part number **M2UDS2-154W-R2/CE**, this component is a specific model of a **Universal Digital Meter/Indicator**, typically manufactured by companies like **Watanabe Electric Industry**. These devices are designed to receive analog or pulse signals from sensors and display them as digital values (e.g., Temperature, Pressure, Flow Rate). --- ## Technical Specifications Overview Below is a breakdown of the electronic characteristics typically associated with this series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Digital Indicator / Panel Meter | | **Input Signal** | DC Voltage/Current (Configurable) | | **Display Type** | 4-digit LED (usually Red or Green) | | **Power Supply** | AC 100-240V or DC 24V (Model dependent) | | **Mounting** | DIN Rail or Panel Mount | | **Accuracy** | ±0.1% of FS (Typical) | | **Compliance** | CE Marking (as indicated by `/CE`) | --- ## Key Electronic Components & Functions ### 1. Signal Conditioning Circuitry The "heart" of the device involves an Analog-to-Digital Converter (ADC). It takes low-level analog signals (like 4-20mA or 0-10V) and converts them into high-resolution digital data for the microprocessor. ### 2. Isolation Barriers The **-R2** designation often refers to specific output or power configurations. In industrial environments, these parts feature galvanic isolation to protect the internal logic from high-voltage surges on the input or power lines. ### 3. Output Options Depending on the specific sub-configuration, this part may include: * **Relay Outputs:** For high/low limit alarms. * **Analog Retransmission:** Converting the displayed value back to an isolated 4-20mA signal for a PLC or SCADA system. ### 4. Microcontroller Unit (MCU) The MCU handles the scaling factors. This allows the user to program the device so that a 4mA input equals "0" and 20mA equals "100" (or any custom scale). --- ## Application Use Cases * **Process Monitoring:** Displaying real-time pressure in hydraulic lines. * **Industrial Automation:** Serving as a local readout for sensors located far from the main control cabinet. * **Safety Interlocks:** Using the internal relays to shut down a machine if a temperature threshold is exceeded.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the M2UDS2 series?
    • ⤷ Does this model support Modbus RTU communication?
    • ⤷ How do I calibrate the zero and span settings on this indicator?