データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS2-155W-R/N

  • AI
    The **M2UDS2-155W-R/N** is a specific model identifier typically associated with a **Step-Up (Boost) DC-DC Power Supply Module**, often used in industrial automation or automotive LED applications. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Model Type** | Non-isolated Step-Up (Boost) Module | | **Input Voltage Range** | 10V - 32V DC (Typical) | | **Output Voltage Range** | 12V - 35V DC (Adjustable) | | **Max Output Power** | 150W - 155W | | **Max Output Current** | 6A (Up to 10A with enhanced cooling) | | **Efficiency** | Up to 94% | --- ### 2. Key Electronic Components The internal circuitry of this module relies on high-frequency switching technology. The primary electronic parts include: 1. **Power Inductor:** A large toroidal or ferrite core inductor used to store energy in the magnetic field during the switching cycle to boost voltage. 2. **Switching MOSFET:** High-speed transistors that cycle on and off to control the flow of current. These are usually mounted to a heatsink to manage thermal dissipation. 3. **Schottky Diode:** A high-speed recovery diode used to prevent current backflow and ensure efficient rectification. 4. **Electrolytic Capacitors:** Low ESR (Equivalent Series Resistance) capacitors at the input and output stages to smooth voltage ripples. 5. **Potentiometer (Trimmer):** A multi-turn variable resistor used to calibrate the output voltage to a specific level. --- ### 3. Protection & Thermal Management The "155W" rating is the peak performance limit. To maintain stability, the module includes: * **Aluminum Heatsinks:** Essential for dissipating heat from the MOSFET and Diode. * **Short Circuit Protection:** Limited (usually via a fuse or current-limiting IC). * **No Reverse Polarity Protection:** Note that connecting the input wires backward will likely damage the internal components. --- ### 4. Technical Pinout/Connections | Terminal | Label | Function | | :--- | :--- | :--- | | **IN+** | Input Positive | Connection to source battery or DC supply | | **IN-** | Input Negative | Ground/Common return for input | | **OUT+** | Output Positive | Regulated/Boosted voltage output | | **OUT-** | Output Negative | Ground/Common return for load | ---
    ✨ Follow-up Questions
    • ⤷ What is the recommended cooling method for running this at the full 155W load?
    • ⤷ Can the output voltage be lower than the input voltage on this specific module?
    • ⤷ Is there a specific fuse rating recommended for the input protection?