データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS2-155W-R2/N

  • AI
    The **M2UDS2-155W-R2/N** is a specific technical assembly, typically associated with industrial automation and control systems (often identified with brands like **Unipulse** or similar precision instrumentation manufacturers). This model generally refers to a specialized **Display or Interface Unit** used for monitoring and controlling industrial processes. --- ### 1. Key Electronic Components & Subsystems The assembly is comprised of several critical electronic layers that work in tandem to process signal data and provide user interaction: | Component Type | Functional Role | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Logic & Control | The "brain" that processes input signals, manages memory, and executes firmware logic. | | **A/D Converter** | Signal Processing | Converts analog sensor data (e.g., from load cells or pressure transducers) into digital values for the MCU. | | **Display Module** | Output Interface | Usually a high-contrast VFD (Vacuum Fluorescent Display) or LCD panel for real-time data visualization. | | **Power Supply Unit (PSU)** | Energy Management | Internal DC-DC converters that step down industrial voltages (typically 24V) to logic levels (5V, 3.3V). | | **I/O Interface** | Communication | Includes opto-isolated inputs and outputs to prevent electrical noise from damaging the internal circuitry. | --- ### 2. Technical Specifications (Typical) Based on the standard nomenclature for this series, the electronic architecture follows these parameters: * **Input Voltage:** Usually 24V DC (Standard for industrial DIN-rail or panel-mount units). * **Signal Sampling Rate:** High-speed processing (often 100+ times per second) for precise measurement. * **Protection Circuitry:** Built-in surge protection and electromagnetic interference (EMI) filtering. * **Connectors:** Multi-pin terminal blocks for sensor wiring and serial communication (RS-232C or RS-485). --- ### 3. Circuitry Architecture Details The internal electronics are designed for high reliability in harsh environments: 1. **Isolation:** The "N" designation often implies specific isolation protocols between the power supply and the signal input to ensure ground loops do not interfere with measurement accuracy. 2. **Calibration Memory:** Uses non-volatile EEPROM to store calibration constants and user settings, ensuring data is retained even during power loss. 3. **Output Drivers:** Uses Transistor (Open Collector) or Relay outputs to trigger external hardware like alarms, PLC inputs, or actuators. --- ### 4. Typical Connection Diagram (General) ```cpp // Schematic representation of I/O Layout [ Power In: 24V+ / GND ] <---> [ Internal Voltage Regulators ] | [ Sensor Input (+/-) ] <---> [ Analog Front End / ADC ] | [ Serial Comm (TX/RX) ] <---> [ Main Logic Controller ] | [ Control Output (1-4) ] <---> [ Opto-Isolator / Driver ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the M2UDS2 series?
    • ⤷ How do you calibrate the A/D converter on this specific module?
    • ⤷ What is the recommended operating temperature for these electronic components?