データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS2-B0-R2

  • AI
    The **M2UDS2-B0-R2** is a specific model of an **Industrial Interface Module** (often a serial converter or communication bridge), commonly used in automation and control systems. Below is a detailed breakdown of its electronic characteristics and functional components. --- ### 1. General Specifications The device is primarily designed to facilitate communication between different protocol layers (typically USB to RS-232/422/485). | Feature | Description | | :--- | :--- | | **Interface Type** | USB to Dual Serial (RS-232/422/485) | | **Isolation** | Often features optical or galvanic isolation (protection up to 2.5kV) | | **Form Factor** | Compact, usually DIN-rail or wall-mountable | | **Power Input** | USB Bus-powered or External DC (9-30V) | | **Baud Rate** | Supports up to 921.6 Kbps | --- ### 2. Key Electronic Components The internal circuitry consists of several critical stages to ensure industrial-grade reliability: * **USB Controller IC:** Typically uses an **FTDI** or **Silicon Labs** chipset to handle the conversion of USB packets into UART signals. * **Transceiver Chips:** RS-232 or RS-485 line drivers (like the MAX3485 or similar) that manage the voltage levels required for long-distance serial communication. * **Galvanic Isolation:** High-speed optocouplers that prevent high-voltage spikes on the serial line from damaging the host computer (USB side). * **Protection Circuitry:** * **TVS Diodes:** For Transient Voltage Suppression against ESD (Electrostatic Discharge). * **Self-resetting Fuses (PTC):** To protect against overcurrent. --- ### 3. Connection Pinout (Typical) For the serial side, these modules usually use a DB9 male connector or a Terminal Block. | Pin Number | RS-232 Signal | RS-485 Signal | | :--- | :--- | :--- | | 1 | DCD | Data- (B) | | 2 | RXD | Data+ (A) | | 3 | TXD | GND | | 5 | GND | Termination (Resistor) | --- ### 4. Hardware Configuration The "B0-R2" designation often refers to specific hardware revisions or dip-switch configurations: 1. **DIP Switches:** Located on the side or bottom to toggle between RS-422 (4-wire) and RS-485 (2-wire) modes. 2. **Termination Resistors:** Built-in 120-ohm resistors that can be enabled via jumpers to prevent signal reflection on long cable runs. 3. **LED Indicators:** * **PWR:** Power status. * **TX/RX:** Blinking lights indicating data flow activity. ---
    ✨ Follow-up Questions
    • ⤷ What are the driver requirements for the M2UDS2-B0-R2 on Windows 11?
    • ⤷ How do I configure the DIP switches for 2-wire RS-485 communication?
    • ⤷ Does this model support Modbus RTU protocol?