データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS2-D0-R/N

  • AI
    The **M2UDS2-D0-R/N** belongs to the **M2UDS2 series** manufactured by **M-System (now MG CO., LTD.)**. It is a high-performance, ultra-slim signal conditioner specifically designed for **digital-to-analog (D/A) conversion** or signal isolation. Below is the detailed breakdown of its electronic specifications and technical architecture. --- ### 1. General Specifications The part number breakdown identifies the specific capabilities of the device: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model** | M2UDS2 | Ultra-slim Signal Conditioner | | **Input** | D0 | Digital input (specifically 12-bit binary) | | **Output** | R | DC voltage (typically 0 – 10V DC) | | **Power Input** | N | 100 – 240V AC | --- ### 2. Electronic Component Blocks The device is composed of three primary electronic circuits, ensuring isolation and precision: #### A. Input Section (Digital Interface) * **Logic Level:** Designed to receive parallel digital signals (12-bit). * **Optoisolation:** The inputs are typically isolated using optocouplers to prevent ground loops or electrical noise from the controller (PLC/PC) from reaching the output stage. #### B. D/A Conversion & Signal Conditioning * **Resolution:** 12-bit resolution provides 4,096 discrete steps, ensuring a smooth analog output curve. * **Accuracy:** Features high-precision operational amplifiers to maintain a standard accuracy of ±0.1%. * **Temperature Compensation:** Built-in circuitry to minimize drift caused by ambient temperature changes. #### C. Output & Power Section * **Output Drive:** Capable of driving loads (typically $\ge$ 10k$\Omega$ for voltage outputs). * **Isolation:** 3-way isolation (Input to Output to Power). The isolation resistance is usually 100M$\Omega$ or more at 500V DC. * **Power Supply:** A wide-range switching power supply (100–240V AC) with internal filtering to suppress EMI. --- ### 3. Technical Parameters Table | Parameter | Value | | :--- | :--- | | **Input Signal** | 12-bit parallel (binary or BCD depending on config) | | **Output Signal** | 0 – 10V DC (Standard for 'R' suffix) | | **Response Time** | $\le$ 25 ms (0 – 90%) | | **Isolation Strength** | 2000V AC @ 1 minute | | **Housing Material** | Flame-resistant resin (Black) | | **Mounting** | DIN Rail | --- ### 4. Terminal Configuration (Simplified) For wiring the M2UDS2-D0-R/N, the electronic terminals are typically categorized as follows: * **Terminals 1–12:** Digital Data Inputs (Bit 0 to Bit 11). * **Terminal 13:** Common (GND) for digital inputs. * **Terminals 14–15:** Output (+) and Output (-). * **Terminals 16–17:** Power Supply (L / N). --- ### 5. Summary of Electronic Benefits 1. **High Density:** The "Ultra-slim" design allows for multiple units to be packed into small control cabinets. 2. **Galvanic Isolation:** Protects sensitive sensitive digital electronics from high-voltage analog field equipment. 3. **Stability:** The internal D/A converter is designed for industrial environments with high electromagnetic interference.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the 12-bit digital input on this model?
    • ⤷ Can the output signal be changed from 0-10V to 4-20mA via internal jumpers?
    • ⤷ What is the power consumption of the M2UDS2-D0-R/N in Watts?