データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS2-DA-R2/Q

  • AI
    The **M2UDS2-DA-R2/Q** is a high-performance **Digital-to-Analog Converter (DAC)** signal conditioner, part of the M2 series manufactured by **M-System**. It is primarily used in industrial automation to convert digital signals into isolated analog process signals. --- ## 1. Technical Specifications Breakdown The model number breakdown provides specific details about its internal electronic components and capabilities: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2UDS2** | Base Model | Digital-to-Analog Converter (Ultra-slim type) | | **-DA** | Input Type | 12-bit Binary, Parallel input | | **-R** | Power Input | 24V DC | | **-2** | Output Type | 4 – 20 mA DC | | **-Q** | Special Option | Conformal coating (Special order) | --- ## 2. Key Electronic Components & Features ### A. Input Stage (Digital Interface) * **Parallel Input:** It accepts a 12-bit binary digital signal. This is often interfaced with PLC output modules or discrete logic circuits. * **Logic Levels:** Typically compatible with TTL or open collector signals, ensuring it can interface with standard industrial microcontrollers. ### B. Conversion Stage (DAC) * **Resolution:** 12-bit resolution ($\approx 4096$ steps). This ensures smooth transition and high precision in the analog output. * **Accuracy:** Typically provides $\pm 0.1\%$ accuracy, suitable for critical process control loops. ### C. Isolation Circuitry * **3-Way Isolation:** One of the most critical electronic features. It provides electrical isolation between: 1. **Input** (Digital signal) 2. **Output** (Analog 4-20mA) 3. **Power** (24V DC) * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute, protecting the control system from high-voltage surges or ground loops. ### D. Output Stage (Current Driver) * **4-20 mA Loop:** The device contains a constant-current driver circuit capable of driving loads up to 550 $\Omega$. * **Response Time:** Fast response (typically $\leq 0.5$ seconds) to ensure real-time process tracking. --- ## 3. Circuit Block Diagram (Functional) ```mermaid graph LR A[12-bit Digital Input] --> B[Photo-Coupler Isolation] B --> C[DAC Chip] C --> D[Op-Amp / Current Driver] D --> E[4-20mA Analog Output] F[24V DC Power] --> G[DC/DC Converter] G -.-> B G -.-> C G -.-> D ``` --- ## 4. Physical Characteristics * **Housing:** Ultra-slim housing (approx. 5.9 mm width) designed for high-density DIN rail mounting. * **Environmental Protection:** The `/Q` suffix indicates a **conformal coating** on the PCB, protecting the electronic components from moisture, dust, and corrosive gases.
    ✨ Follow-up Questions
    • ⤷ What are the wiring requirements for the 12-bit parallel input?
    • ⤷ Can this module be configured for 0-10V output instead of 4-20mA?
    • ⤷ How does the conformal coating improve longevity in industrial environments?