データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS2-DC-R2/N

  • AI
    The **M2UDS2-DC-R2/N** is a specific model of a **Digital Output Signal Conditioner** (often referred to as a "Discrete Input / Contact Output Transmitter") manufactured by **M-System**. It is used in industrial automation to interface field signals with control systems. --- ### ## Technical Specifications Breakdown The model number provides a specific configuration of the electronic components inside. Here is the breakdown: | Part Code | Component Feature | Description | | :--- | :--- | :--- | | **M2UDS2** | Model Series | Digital Output Signal Conditioner (M2 Series) | | **DC** | Input Signal | 1 – 5V DC (High impedance input) | | **R2** | Output Type | Relay contact (SPDT / Form C) x 2 points | | **N** | Power Input | 100 – 240V AC (Standard Universal Power) | --- ### ### Key Electronic Components & Functions 1. **Input Conditioning Stage (1-5V DC):** The input is designed for high-impedance voltage sensing. It typically uses an operational amplifier (Op-Amp) circuit to monitor the 1-5V signal without loading the source. 2. **Comparator / Microprocessor Logic:** The internal circuitry compares the input voltage against a user-defined setpoint (adjustable via the front potentiometers). When the 1-5V signal crosses the threshold, the logic triggers the output relays. 3. **Relay Output (R2):** The unit features two mechanical relays. * **Configuration:** Single Pole Double Throw (SPDT). * **Contact Rating:** Typically 120V AC @ 0.5A or 30V DC @ 0.5A (resistive). * **Isolation:** The relays provide galvanic isolation between the input signal and the output control circuit. 4. **Power Supply Module (N):** This is an internal AC-to-DC switching power supply. It converts 100-240V AC into the low-voltage DC required to run the internal logic and energize the relay coils. 5. **Front Panel Interface:** * **LED Indicators:** Show power status and relay status (ON/OFF). * **Potentiometers:** Used to adjust the Trip Point (Set-point) and Hysteresis (Deadband) settings. --- ### ### Typical Wiring Diagram Concept To utilize this part, the wiring is generally structured as follows: ```text Terminal Function ---------------------------- 1 - 2 100-240V AC Power Input 5 - 6 1-5V DC Input Signal 7 - 8 - 9 Relay 1 (Common, NO, NC) 10-11-12 Relay 2 (Common, NO, NC) ``` --- ### ### Usage Scenario This device is commonly used for **Limit Alarms**. For example, if a pressure transmitter sends a 1-5V signal to a PLC, the M2UDS2-DC-R2/N can be wired in parallel to trigger a physical siren or an emergency cutoff if the voltage exceeds a safe limit, providing a hardware-level safety interlock independent of the PLC software.
    ✨ Follow-up Questions
    • ⤷How do I adjust the trip setpoints on this specific model?
    • ⤷ What is the difference between the R2 relay and a Triac output?
    • ⤷ Can this unit be mounted on a standard DIN rail?