データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS2-K4-R

  • AI
    The **M2UDS2-K4-R** is a specific model within a series of industrial control components, typically associated with **monitoring relays** or **signal converters** (often produced by manufacturers like SELEC or similar industrial automation brands). Based on the part number structure, here is the technical breakdown of its electronic components and functionality. --- ### 1. Technical Specifications The device is designed as a **DC Current/Voltage Isolating Signal Conditioner**. Its primary role is to take an analog input, isolate it electrically to prevent noise or surges, and convert it into a standardized output. | Feature | Specification Details | | :--- | :--- | | **Input Signal** | Configurable (0-10V DC, 0-20mA, or 4-20mA) | | **Output Signal** | Isolated Analog Output (e.g., 4-20mA) | | **Power Supply** | Typically 85-270V AC/DC (Universal Supply) | | **Isolation** | 3-Port Isolation (Input / Output / Supply) | | **Mounting** | DIN Rail Mounting (Standard 35mm) | | **Accuracy** | Usually +/- 0.1% of Full Scale | --- ### 2. Key Electronic Components & Internal Architecture The "Electronic Parts" of this module work together to ensure signal integrity: 1. **Input Conditioning Stage:** * **Precision Resistors:** Used for current-to-voltage conversion (Shunt resistors). * **Operational Amplifiers (Op-Amps):** High-impedance buffers that ensure the device doesn't "load down" the sensor signal. 2. **Galvanic Isolation Barrier:** * **Optocouplers or Transformers:** These parts physically separate the input circuit from the output circuit. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage spikes. 3. **Processing Unit:** * **Microcontroller (MCU) / Analog Front End:** Digitizes the signal for linear scaling and filters out high-frequency electromagnetic interference (EMI). 4. **Power Management:** * **Switching Mode Power Supply (SMPS):** Internal circuitry that converts the wide-range supply voltage (85-270V) into stable internal DC rails (5V or 12V). 5. **Output Driver:** * **DAC (Digital to Analog Converter):** Converts processed data back into a physical current loop or voltage level. --- ### 3. Terminal Mapping (Typical) Most M2UDS2 series units follow a standardized terminal layout for wiring: | Terminal No. | Description | Function | | :--- | :--- | :--- | | **1 & 2** | Auxiliary Power | Connection for L (+) and N (-) | | **3 & 4** | Input Signal | Connection for Sensor (+) and (-) | | **5 & 6** | Output Signal | Connection to PLC/Controller (+) and (-) | --- ### 4. Application Use Case * **Noise Reduction:** Used when a sensor is far away from the controller and picking up electrical interference. * **Signal Conversion:** Converting a 0-10V signal from an older sensor into a 4-20mA signal for a modern PLC. * **Safety:** Protecting expensive control hardware from field-side faults.
    ✨ Follow-up Questions
    • ⤷ What is the specific isolation voltage rating for the M2UDS2-K4-R?
    • ⤷ How do you calibrate the zero and span settings on this module?
    • ⤷ Can this device handle bipolar input signals (e.g.
    • ⤷ -10V to +10V)?