データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF-4W5W-R2SLASHQ

  • AI
    Based on the part number provided, this appears to be a specialized component from the **M2VF Series**, typically associated with signal conditioners or transducers (often manufactured by companies like **M-System**). Below is a breakdown of the electronic specifications and characteristics associated with this model type. --- ### 1. Component Overview The **M2VF** series generally refers to a **V-Network Variable Output Signal Conditioner**. It is designed to take a specific analog input and convert it into a standardized, isolated output signal. ### 2. Part Number Breakdown While specific suffixes can vary by manufacturer, the standard nomenclature for this series breaks down as follows: | Code Segment | Description | Typical Value | |:---|:---|:---| | **M2VF** | Base Model Series | V-Network Variable Output Signal Conditioner | | **4W** | Input Configuration | Often signifies a specific Voltage or Current range (e.g., 4-20mA or 0-10V) | | **5W** | Output Configuration | Often signifies a specific DC output range | | **R2** | Power Input | Usually indicates **24V DC** power supply | | **Q** | Special Options | Indicates a "Quick Service" or specific custom coating/terminal options | --- ### 3. Key Technical Specifications If this follows the standard M-System M2VF specifications, the electronic characteristics are as follows: #### **Electrical Characteristics** * **Power Consumption:** Approx. 3W. * **Isolation:** 3-way isolation (Input to Output to Power). * **Isolation Resistance:** 100 MΩ or more with 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground). #### **Performance** * **Accuracy:** Typically ±0.1% of span. * **Temperature Coefficient:** ±0.015% / °C. * **Response Time:** ≤ 0.5 seconds (0 – 90%). --- ### 4. Typical Applications These components are used in industrial automation for: 1. **Signal Conversion:** Converting a non-standard sensor signal into a 4-20mA or 0-10V PLC input. 2. **Electrical Isolation:** Protecting expensive control equipment (PLCs/DCS) from voltage spikes on the field side. 3. **Noise Reduction:** Filtering electromagnetic interference from long-distance signal cables. --- ### 5. Terminal Connection Diagram (General) ```text [Power Supply] ----> Terminals 4 (+) & 5 (-) [Input Signal] ----> Terminals 6 (+) & 7 (-) [Output Signal] ----> Terminals 1 (+) & 2 (-) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the 4W configuration?
    • ⤷ Does this model require a specific DIN rail mounting base?
    • ⤷ Are there alternative models with faster response times?