データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF-4WA-R2

  • AI
    The **M2VF-4WA-R2** is a high-performance **Frequency-to-Analog Signal Conditioner** (often referred to as a transducer) manufactured by **M-System**. It is designed to convert pulse frequency inputs from various sensors into standard instrumentation DC signals. --- ### 1. Core Electronic Functions This device acts as a bridge between high-speed rotational or pulse-emitting hardware and industrial control systems (PLCs/DCS). | Component Feature | Description | | :--- | :--- | | **Input Type** | Pulse signals (Dry contact, Open collector, Voltage pulse, or RS-422 line driver). | | **Output Type** | Standard DC signals (e.g., 4–20mA, 0–10V, 1–5V). | | **Frequency Range** | Fully programmable; handles ranges from 0–0.01 Hz up to 0–100 kHz. | | **Isolation** | 3-port isolation (Input to Output to Power). | --- ### 2. Detailed Technical Specifications The "4WA" and "R2" suffixes in the model number define the specific electronic configuration of the unit: | Parameter | Specification | | :--- | :--- | | **Power Input (R2)** | 24V DC (Allowable range: 24V ±10%). | | **Output (4WA)** | 4 to 20 mA DC (Internal resistance up to 550Ω). | | **Input Impedance** | ≥ 10kΩ (Voltage pulse); approx. 1kΩ (Dry contact). | | **Response Time** | ≤ 0.5 sec (for 0–100% step) + 1 pulse cycle. | | **Accuracy** | ±0.1% of span. | | **Construction** | Plug-in base mount with screw terminals. | --- ### 3. Electronic Internal Circuitry The device utilizes several key stages to process the signal: 1. **Input Conditioning:** A high-speed comparator or optoisolator stage that cleans the incoming pulse, removing noise and standardizing the pulse width. 2. **Microprocessor Processing:** The frequency is calculated digitally. This allows for high precision even at very low frequencies (down to 0.01 Hz). 3. **Digital-to-Analog Conversion (DAC):** The calculated frequency is converted into a high-resolution analog voltage or current. 4. **Galvanic Isolation:** High-quality transformers or opto-couplers separate the power, input, and output circuits to prevent ground loops and protect sensitive equipment. --- ### 4. Terminal Connections The electronic interface usually follows this standard layout for the M2VF series: ```text Terminal | Function ---------|---------------------- 1 | Output (+) 2 | Output (-) 3 | Input (Pulse +) 4 | Input (Common -) 5 | Excitation (Supply to sensor) 7 | Power (24V DC +) 8 | Power (24V DC -) ```
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the zero and span for the M2VF-4WA-R2?
    • ⤷ What are the specific wiring requirements for an Open Collector input?
    • ⤷ Can this model provide power (excitation) to the pulse sensor?