データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF-4Z-R2/N

  • AI
    The **M2VF-4Z-R2/N** is a high-precision, plug-in signal transducer (specifically a V/f converter) manufactured by **M-System**. It is designed to convert a DC voltage or current input signal into a proportional frequency output signal (open collector pulse). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | DC Voltage (0-10V, 1-5V, etc.) or DC Current (4-20mA) | | **Output Type** | Open Collector (NPN) | | **Output Frequency** | 0 to 10 kHz (standard range, adjustable) | | **Power Input (R2)** | 100 – 240V AC | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (input to output to power) | --- ### 2. Internal Electronic Components & Construction The device is composed of several critical electronic stages to ensure signal integrity and isolation: #### A. Input Stage (Signal Conditioning) * **Operational Amplifiers:** High-precision op-amps receive the DC signal and provide initial scaling and filtering. * **Protection Circuitry:** Zener diodes and resistors protect the internal components from transient voltage spikes. #### B. Conversion Stage (Voltage-to-Frequency) * **Precision Integrated Circuit (IC):** The core is a V/f converter IC that generates a pulse train where the frequency is linearly proportional to the input voltage. * **Zero/Span Trim Pots:** Multi-turn potentiometers accessible on the front panel allow for fine-tuning the base frequency and the full-scale range. #### C. Isolation Stage * **Optoisolators:** Provide galvanic isolation between the input/output and the internal logic to prevent ground loops and protect against high common-mode voltages. * **Transformer:** Used in the power supply section to isolate the AC mains from the sensitive DC electronics. #### D. Output Stage * **NPN Transistor:** The `/N` designation often refers to the Open Collector output. It acts as a high-speed switch that pulls a load down to common at the specified frequency. --- ### 3. Terminal Configuration (Base Socket) The M2VF series typically uses a **M2-style plug-in base**. The pin layout generally follows this logic: | Pin No. | Function | Description | | :---: | :--- | :--- | | 1 & 2 | Power Input | 100-240V AC connection | | 4 & 5 | Pulse Output | Open collector output (+ and -) | | 7 & 8 | Signal Input | DC Input (+ and -) | --- ### 4. Application Use Case This part is commonly used to interface a standard PLC analog output (like 0-10V) with high-speed counter inputs or to drive pulse-rate-controlled dosing pumps and remote totalizers.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings on the M2VF-4Z-R2/N?
    • ⤷ What is the maximum frequency range this model can be configured for?
    • ⤷ What are the specific wiring differences between the NPN and Voltage Pulse output versions?