データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF-5WZ-R2/N

  • AI
    The **M2VF-5WZ-R2/N** is a specific model of an **Ultra-Slim Signal Conditioner (V-Unit)** manufactured by **M-System** (now part of MG CO., LTD). This device is primarily used in industrial automation to convert, isolate, and transmit analog signals. --- ### 1. Model Code Breakdown The model number specifies the electronic characteristics and configuration of the unit: | Code Segment | Description | Specific Value for this Model | | :--- | :--- | :--- | | **M2VF** | **Series Name** | Ultra-slim Signal Conditioner (Function: Variable output) | | **5** | **Input Signal** | 4 – 20 mA DC | | **WZ** | **Output Signal** | Special Specification (Custom range or dual output) | | **R2** | **Power Input** | 24V DC | | **N** | **Option** | No special sealing/coating (Standard) | --- ### 2. Key Electronic Specifications The M2VF series is known for its high density and isolation capabilities. * **Isolation:** 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges. * **Accuracy:** Typically ±0.1% of span. * **Response Time:** ≤ 0.5 seconds (0 – 90%). * **Construction:** Slim-line housing (approx. 5.9 mm wide) designed for DIN rail mounting. * **Power Consumption:** Approximately 0.8W at 24V DC. --- ### 3. Electronic Functional Components The internals of the M2VF-5WZ-R2/N consist of several critical stages: 1. **Input Conditioning Stage:** Receives the 4-20mA current signal. It usually utilizes a precision shunt resistor to convert the current into a proportional voltage. 2. **Isolation Barrier:** Uses an optical or magnetic isolator to transfer the signal across a physical gap, ensuring no direct electrical connection between the field sensor and the control system. 3. **Signal Conversion (The "WZ" factor):** The internal circuitry processes the signal according to the "WZ" custom specification. Since "WZ" is a non-standard code, it often refers to a user-specified voltage or current range that differs from standard 0-10V or 4-20mA outputs. 4. **Output Driver:** A power-efficient amplifier that provides the final output signal to the destination device (e.g., a PLC input card). --- ### 4. Technical Summary Table | Feature | Specification | | :--- | :--- | | **Mounting** | DIN Rail | | **Input Impedance** | 250 $\Omega$ (for 4-20mA input) | | **Operating Temp** | -5 to +55°C | | **Status Indicator** | Front-facing LED (usually indicates power status) | | **Connection** | Euro-style tension clamp or screw terminals | ---
    ✨ Follow-up Questions
    • ⤷What does the 'WZ' specific output range typically refer to in M-System units?
    • ⤷ How does 3-way isolation improve industrial signal reliability?
    • ⤷ What is the wiring diagram for the 24V DC power input on this model?