データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF-65W-R2/UL

  • AI
    The **M2VF-65W-R2/UL** is a high-performance, industrial-grade AC/DC power supply module typically designed for medical and industrial automation applications. It is part of a series known for high efficiency and a compact "open-frame" or "U-bracket" form factor. --- ### 1. Key Technical Specifications Below are the core electronic characteristics of this specific model: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Output Power** | 65 Watts | Total rated power capacity | | **Input Voltage** | 90 ~ 264 VAC | Universal AC input range | | **Output Voltage** | +12V to +48V DC | Varies by sub-model (Check label) | | **Efficiency** | ~88% to 90% | High efficiency reduces heat waste | | **Safety Certifications** | UL/cUL 60601-1 | Medical grade safety standard | | **Form Factor** | 2" x 4" (Standard) | Industry standard footprint | --- ### 2. Core Electronic Components & Architecture The M2VF-65W-R2/UL utilizes several critical electronic sub-systems to ensure stable power delivery: #### A. Input Filtering & Protection * **EMI Filter:** Includes X and Y capacitors and common-mode chokes to suppress electromagnetic interference. * **NTC Thermistor:** Limits "Inrush Current" when the device is first plugged in to prevent blowing fuses. * **Fuse:** Built-in protection against catastrophic short circuits. #### B. Power Conversion (Primary Side) * **Bridge Rectifier:** Converts AC input into high-voltage DC. * **PWM Controller IC:** The "brain" of the unit that regulates the switching frequency to maintain a steady output. * **Switching MOSFET:** A high-speed transistor that chops the DC voltage into high-frequency pulses for the transformer. #### C. Isolation & Output (Secondary Side) * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous AC input and the safe DC output. * **Schottky Rectifiers:** Fast-recovery diodes that turn the high-frequency AC from the transformer back into smooth DC. * **Electrolytic Capacitors:** Low ESR (Equivalent Series Resistance) capacitors used to filter out ripple and noise from the output voltage. --- ### 3. Safety and Protection Features This part is specifically engineered for reliability in sensitive environments: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output voltage exceeds safe limits. 2. **Short Circuit Protection (SCP):** The unit will enter "hiccup mode" or shut down if a short is detected, preventing fire. 3. **Over-Load Protection (OLP):** Limits the current to prevent the components from overheating. 4. **Leakage Current:** Optimized for medical applications (UL 60601-1) to ensure minimal current leakage to the patient/user. --- ### 4. Physical Integration * **Connectors:** Usually utilizes JST or Molex header pins for easy integration into a PCB or chassis. * **Cooling:** Designed for **Convection Cooling** (no fan required) under standard load, though forced air may increase its lifespan in tight enclosures.
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage rating for your version of the M2VF-65W?
    • ⤷ Does your application require medical grade (UL 60601-1) or standard industrial certification?
    • ⤷ Are you looking for a pin-to-pin compatible replacement for this specific module?