データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF-BFW-R

  • AI
    The **M2VF-BFW-R** is a specific model within the **M2VF Series** of signal conditioners (transmitters) manufactured by **M-System**. It is designed to convert an AC voltage input into a standard DC output signal, providing electrical isolation between the input, output, and power source. --- ### 1. Part Number Breakdown The suffix codes determine the specific electronic configuration of the unit: | Code | Component Segment | Description | | :--- | :--- | :--- | | **M2VF** | Model Series | M-Unit series Signal Conditioner (Ultra-slim type) | | **B** | Input | AC Voltage (0 – 110V AC) | | **F** | Output | 4 – 20mA DC | | **W** | Power Input | 100 – 240V AC | | **R** | Specific Feature | High-speed response or specific regional certification (often RoHS) | --- ### 2. Key Electronic Specifications The internal circuitry utilizes high-precision operational amplifiers and isolation transformers to ensure signal integrity. * **Input Impedance:** Approximately $1\text{ M}\Omega$ (minimum). * **Response Time:** $\leq 0.5$ seconds (0 – 90%). * **Isolation:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** 2000V AC @ 1 minute. * **Accuracy:** $\pm 0.3\%$ of span. --- ### 3. Internal Block Diagram Logic The electronic flow inside the M2VF-BFW-R follows this architecture: 1. **Input Conditioning:** The 110V AC signal is stepped down and rectified. 2. **Isolation Barrier:** An optical or transformer-based isolator separates the high-voltage input from the sensitive output electronics. 3. **V/I Conversion:** The internal circuitry converts the processed voltage into a linear **4-20mA** current loop. 4. **Zero/Span Adjustment:** Potentiometers located on the front allow for fine-tuning the calibration ($\pm 5\%$). --- ### 4. Technical Features * **DIN Rail Mounting:** Designed for compact M-System sockets. * **LED Indicator:** Typically includes a power status LED to indicate active electronic operation. * **Overload Protection:** Designed to withstand temporary surges in input voltage without damaging the output loop. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum allowable input voltage for the M2VF-BFW-R?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ What is the difference between the 'W' and 'R' power options in this series?