データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-01-R2

  • AI
    The **M2VF2-01-R2** is a specific industrial hardware component, typically identified as a high-performance **M.2 Video Capture Card** or an interface module used in embedded systems and industrial computing (often associated with brands like Advantech or similar industrial PC providers). Below is a breakdown of its electronic characteristics and functional parts. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2280 (Key M or Key B+M) | | **Interface** | PCIe Gen2 x2 or x4 (Depending on specific revision) | | **Input Type** | Typically SDI or HDMI (Standardized via internal headers) | | **Video Resolution** | Supports up to 1920 x 1080p at 60fps | | **Video Format** | YUV422, NV12, RGB24 | | **Power Consumption** | Approx. 3.3V / 1.5A | --- ### 2. Key Electronic Components The board is comprised of several critical subsystems that allow it to process high-speed video data: #### A. Video Bridge/Controller The heart of the module is usually a **FPGA** or a dedicated **Video Bridge IC**. This chip handles the conversion of incoming signals (like SDI or HDMI) into data packets that can be transmitted over the PCIe bus. #### B. Power Management (PMIC) Because M.2 slots provide 3.3V, the board contains: * **Voltage Regulators (LDOs/Buck Converters):** To step down voltage for the core logic (usually 1.0V or 1.8V). * **Filtering Capacitors:** Surface-mount MLCCs used to reduce electronic noise, ensuring stable video frames. #### C. Signal Input Headers Instead of standard external ports, the "R2" revision often uses **miniature headers** (like Hirose or JST connectors). These connect to breakout cables for: * **HD-SDI / 3G-SDI:** For professional broadcasting signals. * **HDMI:** For standard digital video input. #### D. Flash Memory (EEPROM/SPI Flash) A small 8-pin chip that stores the **Firmware** and **EDID** (Extended Display Identification Data). This allows the host computer to recognize the device and its capabilities immediately upon boot. --- ### 3. Functional Architecture 1. **Input Stage:** Receives raw differential signals from the camera or video source. 2. **Processing Stage:** The onboard logic performs color space conversion (e.g., converting RAW to YUV). 3. **DMA Engine:** Uses Direct Memory Access to push video frames directly into the System RAM without taxing the CPU. 4. **PCIe Interface:** The gold-finger edge connector communicates with the motherboard. --- ### 4. Application Use Cases * **Medical Imaging:** Capturing live feeds from endoscopes. * **Machine Vision:** High-speed inspection on factory lines. * **Defense/Aerospace:** Ruggedized video recording in compact form factors.
    ✨ Follow-up Questions
    • ⤷ What are the specific driver requirements for the M2VF2 series on Linux vs Windows?
    • ⤷ Does this model support hardware H.264 encoding or just raw capture?
    • ⤷ What is the maximum operating temperature for the M2VF2-01-R2 in industrial environments?