データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-02-R/N

  • AI
    The **M2VF2-02-R/N** is a specialized electronic component, typically categorized as a **Plug-in Signal Conditioner** (often manufactured by companies like M-System). It is designed to convert and isolate analog signals in industrial automation and process control environments. --- ### 1. Technical Specifications The model name follows a specific nomenclature that defines its electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | DC Current / Voltage | Typically receives signals from sensors (e.g., 4-20mA). | | **Output 1 & 2** | Independent Dual Output | Provides two isolated outputs from a single input. | | **Power Input (R)** | 24V DC | The "R" suffix usually denotes a 24V DC power requirement. | | **Standard/Safety (N)** | CE Marking / Non-UL | The "N" often indicates standard compliance without specific UL listing. | | **Response Time** | Fast Response | Optimized for high-speed signal processing. | --- ### 2. Key Electronic Components & Internal Logic This device functions as a **Dual-Output Signal Isolator**. Internally, it consists of several critical stages: 1. **Input Conditioning Circuit:** Uses high-precision resistors and Op-Amps to scale the incoming voltage or current. 2. **Galvanic Isolation:** Utilizes **Opto-couplers** or **Transformer isolation** to separate the input, output, and power circuits. This protects sensitive PLCs from high-voltage surges or ground loops. 3. **Signal Conversion (DSP/Analog):** Depending on the specific revision, it uses an analog circuit or a micro-converter to linearize the signal. 4. **Output Drivers:** High-impedance output stages that ensure the signal remains accurate even across long wire distances. --- ### 3. Application Use Cases * **Signal Splitting:** Taking one 4-20mA sensor signal and sending it to both a local display and a remote PLC simultaneously. * **Ground Loop Elimination:** Preventing electrical noise between different pieces of equipment that have different ground potentials. * **Signal Conversion:** Converting a 0-10V signal from an older sensor into a 4-20mA signal for modern controllers. --- ### 4. Typical Wiring Diagram (Conceptual) ```text [ Sensor In ] ----+---- [ M2VF2 ] ----+---- [ Output 1 (PLC) ] | (Isolator) | | +---- [ Output 2 (Display) ] | [ 24V DC Power ] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact input/output signal range for the M2VF2-02-R/N?
    • ⤷ Does this model support DIN rail mounting?
    • ⤷ What are the specific isolation voltage ratings between the input and output?