データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-0D-R

  • AI
    The **M2VF2-0D-R** is a specific part number associated with high-performance **M.2 NVMe SSDs**, typically produced by manufacturers like **ADATA** or used as industrial-grade components in specialized computing environments. Below is a breakdown of the electronic architecture and technical specifications of this component. --- ### 1. Technical Specifications The device is designed as a Solid State Drive (SSD) utilizing the M.2 form factor with high-speed data transfer protocols. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm width x 80mm length) | | **Interface** | PCIe Gen3 x4 or PCIe Gen4 x4 (Model dependent) | | **Protocol** | NVMe (Non-Volatile Memory Express) | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Operating Voltage** | 3.3V ± 5% | | **MTBF** | ~2,000,000 Hours | --- ### 2. Key Electronic Components The "electronics" of the M2VF2-0D-R consist of three primary building blocks integrated onto a single Printed Circuit Board (PCB): #### A. The SSD Controller The brain of the device. It manages data placement, wear leveling, and error correction. * **Function:** Handles the interface between the host computer (PCIe lanes) and the NAND memory. * **Features:** Often includes hardware-based AES 256-bit encryption and LDPC (Low-Density Parity-Check) error correction. #### B. 3D NAND Flash Chips These are the non-volatile storage elements where data is physically kept. * **Architecture:** Uses "3D" stacking technology to increase density without increasing the physical footprint of the chip. * **Durability:** Rated for specific TBW (Total Bytes Written) to ensure long-term reliability. #### C. Power Management Circuitry (PMIC) * **Regulators:** Converts the 3.3V input from the M.2 slot into the various lower voltages required by the NAND (often 1.2V or 1.8V) and the controller. * **Capacitors:** Surface-mount capacitors provide power filtering to prevent data corruption during minor voltage fluctuations. --- ### 3. Pinout and Connectivity The M.2 connector uses a specific "keying" (usually **M-Key**) to ensure compatibility with high-speed PCIe lanes. ```markdown Pin Range | Function ----------|--------------------------------------------- 1 - 11 | Ground and 3.3V Power Supply 12 - 19 | Config Pins (Detecting the drive type) 21 - 73 | Differential Pairs (PCIe TX/RX) and Clock 75 | Ground ``` --- ### 4. Application Areas Due to its reliability and speed, this part is commonly found in: 1. **Industrial PCs:** Requiring high-temperature tolerance and vibration resistance. 2. **Server Boot Drives:** Small footprint storage for OS hosting. 3. **High-End Laptops:** Upgrading standard SATA storage to NVMe speeds.
    ✨ Follow-up Questions
    • ⤷ What is the maximum read/write speed of this specific model?
    • ⤷ Is the M2VF2-0D-R compatible with PCIe Gen 3 slots?
    • ⤷ Does this model include a DRAM cache for faster data processing?