データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-33-R2

  • AI
    The **M2VF2-33-R2** is a high-performance **Step-Down (Buck) DC-DC Converter Module** commonly used in industrial and automotive applications. It is designed for point-of-load (POL) power regulation where efficiency and small form factor are critical. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the module: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 4.5V to 33V | Wide input range suitable for 12V and 24V systems. | | **Output Voltage** | 3.3V (Fixed) | Regulated low-voltage output for logic circuits. | | **Output Current** | 2.0A - 3.0A | Max continuous load current (depends on cooling). | | **Efficiency** | Up to 92% | High efficiency reduces thermal dissipation. | | **Switching Frequency** | ~500 kHz | Balanced for small inductor size and low EMI. | | **Package Style** | V-Reg / Module | Vertical or horizontal PCB mount options. | --- ### 2. Core Electronic Components Inside the module, several discrete components work together to manage power conversion: 1. **Switching Regulator IC:** The "brain" that uses Pulse Width Modulation (PWM) to control the high-side MOSFET. 2. **Power Inductor:** Stores energy during the "on" cycle and releases it during the "off" cycle to provide a smooth current flow. 3. **Schottky Diode:** Provides a path for the inductor current when the main switch is off (freewheeling). 4. **Input/Output Capacitors:** Multi-layer ceramic capacitors (MLCC) or polymer capacitors used to filter ripple voltage and provide transient stability. --- ### 3. Features & Protections The module integrates several safety mechanisms to prevent damage to the load or the source: * **Over-Current Protection (OCP):** Limits the output current to prevent overheating during a short circuit. * **Thermal Shutdown:** Automatically turns off the device if the internal junction temperature exceeds safety limits (usually around 150°C). * **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is high enough to guarantee stable regulation. * **Low Standby Current:** Minimizes power draw when the device is in an idle state. --- ### 4. Application Diagram (Simplified) The module is typically used in a "Plug-and-Play" fashion requiring minimal external components: ```text [Input Source 12V/24V] ----+---- [M2VF2-33-R2] ----+---- [Output 3.3V Load] | (Buck) | [Cin] [Cout] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for this module at 3A load?
    • ⤷ Can this module be used in parallel to increase output current?
    • ⤷ What is the specific footprint or pinout for the M2VF2-33-R2?