データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-34W-R2/N

  • AI
    Based on the model number provided, the **M2VF2-34W-R2/N** typically refers to a high-efficiency **LED Driver** or **Power Supply Module**, often used in industrial lighting or display applications. Below is a breakdown of its electronic characteristics and specifications. --- ## Technical Specifications | Parameter | Specification (Typical) | |:---|:---| | **Power Output** | 34 Watts | | **Input Voltage Range** | 100V – 277V AC (Universal) | | **Output Type** | Constant Current / Constant Voltage | | **Dimming Support** | Often 0-10V or PWM Dimming (Suffix dependent) | | **Efficiency** | > 85% | | **Operating Temperature** | -40°C to +60°C | --- ## Key Electronic Components & Features ### 1. Power Conversion Stage The unit utilizes a **Switching Mode Power Supply (SMPS)** topology. This involves: * **Bridge Rectifier:** Converts AC input to high-voltage DC. * **PFC (Power Factor Correction):** Most "34W" models in this series include active PFC to ensure high efficiency and low harmonic distortion, meeting regulatory standards like Energy Star. * **PWM Controller:** A dedicated integrated circuit that regulates the switching frequency to maintain a stable output. ### 2. Protection Circuitry The module is designed with several layers of hardware protection: * **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds safe limits. * **SCP (Short Circuit Protection):** Automatically recovers once the short circuit condition is removed. * **OTP (Over Temperature Protection):** Thermal sensors throttle power or shut down the device if internal temperatures exceed safety thresholds. ### 3. Suffix Meanings * **-34W:** Represents the maximum power rating (34 Watts). * **-R2:** Often indicates a specific revision of the PCB or a specific physical casing size. * **/N:** Usually denotes "No Dimming" or a specific terminal block configuration, depending on the manufacturer's internal coding. --- ## Wiring and Integration The electronic interface usually consists of color-coded wires: | Side | Wire Color | Function | |:---|:---|:---| | **Input (AC)** | Black / White / Green | Line / Neutral / Ground | | **Output (DC)** | Red (+) / Black (-) | Positive and Negative to LED Load | ---
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage and current for this model?
    • ⤷ Is this driver compatible with 0-10V dimming systems?
    • ⤷ What are the physical dimensions and mounting requirements?