データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-3D-R

  • AI
    The **M2VF2-3D-R** is a specialized electronic component, typically classified as a **High-Density Power Module** or an **Active Inrush Current Limiter**, often used in aerospace, defense, and high-reliability industrial applications. Below is a detailed breakdown of its electronic characteristics and functional components. --- ### 1. General Specifications The device is designed to manage power flow during the startup phase of high-voltage DC systems. | Feature | Description | | :--- | :--- | | **Component Type** | Active Inrush Current Limiter / Power Filter | | **Main Function** | Limits peak current during capacitor charging | | **Input Voltage Range** | Typically 160V to 400V DC (application specific) | | **Mounting Style** | Through-hole (PCB Mount) | | **Package** | Hermetically sealed or encapsulated brick module | --- ### 2. Core Electronic Subsystems The M2VF2-3D-R contains several internal electronic parts that work in unison to protect downstream DC-DC converters: #### A. Power MOSFETs The "Active" part of the limiter. Instead of using a simple resistor, it uses a **Power MOSFET** operating in the linear region during startup. This allows for a controlled "Soft Start" by gradually increasing the voltage to the load. #### B. Control Circuitry (Analog/Integrated) * **Comparator/Reference:** Monitors the input voltage to ensure it is within safe operating limits. * **Gate Drive:** Manages the gate voltage of the MOSFET to control the ramp-up speed of the output current. #### C. EMI Filtering Components The module usually includes internal **Inductors** and **High-Frequency Capacitors** to suppress Electromagnetic Interference (EMI) and prevent switching noise from feeding back into the main power bus. #### D. Thermal Protection Contains internal **Thermistors** or temperature sensors. If the device overheats due to repeated startup cycles or a short circuit, it will trigger a thermal shutdown to protect the internal silicon. --- ### 3. Pinout and Interface The "3D" and "R" suffixes often denote specific physical configurations or Revision statuses. | Pin Type | Function | | :--- | :--- | | **Vin (+) / Vin (-)** | Unfiltered DC Input from the power source. | | **Vout (+) / Vout (-)** | Filtered/Limited DC Output to the DC-DC converter. | | **Enable / Inhibit** | Logic level pin to turn the module on or off. | | **Case/Ground** | Connection for shielding and EMI reduction. | --- ### 4. Key Benefits in Electronics Design 1. **Reduced Component Stress:** Prevents high current spikes from damaging fuses, connectors, and electrolytic capacitors. 2. **Space Efficiency:** Replaces large, heat-generating power resistors and mechanical relays with a single compact module. 3. **High Reliability:** Designed to meet rigorous standards (like MIL-STD-461 or 704) for voltage spikes and surges. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the M2VF2-3D-R?
    • ⤷ How does this module compare to a standard NTC thermistor for inrush limiting?
    • ⤷ What are the specific MIL-STD certifications for this part?