データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-4D-R2/N

  • AI
    The **M2VF2-4D-R2/N** is a specific model of a **Slim-style Signal Conditioner (Isolator)** manufactured by **M-System**. Its primary function is to accept a DC voltage or current input and provide two independent, isolated DC outputs. Below is a detailed breakdown of its electronic specifications and characteristics based on the model code. --- ## 1. Model Code Breakdown The alphanumeric string defines the specific hardware configuration: | Code Segment | Meaning | Specification | |:---|:---|:---| | **M2VF2** | Model Series | Slim-style Signal Conditioner (V-Unit Series) | | **4D** | Input Type | 0 – 10V DC | | **R** | Power Input | 24V DC | | **2** | Output 1 | 4 – 20mA DC | | **N** | Output 2 | None (Standard configuration) | --- ## 2. Key Electronic Specifications ### Input & Output Characteristics * **Input Impedance:** Typically 1 MΩ minimum for voltage inputs. * **Output Load Resistance:** * Current Output (4-20mA): Max 550 Ω. * Voltage Output: Max 1mA. * **Response Time:** ≤ 0.5 seconds (0 – 90%). ### Power & Isolation * **Power Consumption:** Approximately 3W. * **Isolation Structure:** 4-way isolation (Input to Output 1 to Output 2 to Power). * **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground). * **Insulation Resistance:** ≥ 100 MΩ with 500V DC. ### Performance * **Accuracy:** ±0.1% of span. * **Temperature Coefficient:** ±0.015% per °C (±0.008% per °F). --- ## 3. Physical & Installation Features * **Construction:** Small-footprint, plug-in base structure. * **Wiring:** M3.5 screw terminals (nickel-plated steel). * **Housing Material:** Flame-resistant resin (color: Black). * **Mounting:** DIN rail or surface mounting. --- ## 4. Typical Applications This electronic part is commonly used in industrial automation for: 1. **Signal Conversion:** Changing a 0-10V sensor signal into a 4-20mA signal for long-distance transmission. 2. **Ground Loop Elimination:** Preventing electrical noise and interference between field instruments and a PLC/DCS. 3. **Signal Splitting:** Providing two isolated outputs from a single sensor input.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the M2VF2-4D-R2/N?
    • ⤷ Can the output range be recalibrated manually on this unit?
    • ⤷ What is the difference between the M2VF2 and the M2VS series?