データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-4W1-R2SLASHUL

  • AI
    ## M2VF2-4W1-R2/UL: Signal Conditioner Overview The **M2VF2-4W1-R2/UL** is a high-performance **Mini-M Series Signal Conditioner** manufactured by M-System (now MG CO., LTD). Its primary function is to convert a DC voltage or current input into two independent, isolated DC output signals. --- ### Technical Specifications The alphanumeric code provides specific details about the electronic configuration of the part: | Feature | Specification | |:---|:---| | **Model Series** | M2VF2 (Mini-M Series V-Unit) | | **Input Type** | Configurable (Typically 0-10V, 4-20mA, etc.) | | **Output 1** | 4 – 20 mA DC | | **Output 2** | 1 – 5 V DC | | **Power Input** | 100 – 240 V AC (Wide Range) | | **Compliance** | UL/cUL Class I, Division 2 (Hazardous Locations) | | **Mounting** | DIN Rail Mounting (Plug-in base included) | --- ### Core Electronic Components & Functions 1. **Isolation Barrier (3-Way):** The device provides complete galvanic isolation between the **input**, **output**, and **power** circuits. This prevents ground loops and protects sensitive control systems (like a PLC or DCS) from high-voltage surges. 2. **Dual Output Driver:** The "VF2" designation indicates a dual-output configuration. It takes one process variable and replicates it into two different signals, allowing you to send the data to a local display and a remote controller simultaneously. 3. **Power Supply (R2):** The "R2" suffix indicates a universal AC power supply. Internally, it uses a switching regulator to convert 100-240V AC into the low-voltage DC required for the internal op-amps and signal processing. 4. **Signal Trimmers:** Located on the front of the unit, there are Zero and Span adjustments. These are multi-turn potentiometers used to calibrate the accuracy of the output relative to the input. --- ### Application Usage This part is commonly used in industrial automation for: * **Signal Conversion:** Converting a 0-10V sensor signal into a 4-20mA loop for long-distance transmission. * **Signal Splitting:** Sending one sensor reading to two separate devices. * **Noise Reduction:** Cleaning up "noisy" electrical signals in high-interference environments.
    ✨ Follow-up Questions
    • ⤷ How do I wire the 4-20mA output on this specific model?
    • ⤷ What is the response time for the M2VF2-4W1-R2/UL?
    • ⤷ Can this unit be used in explosive atmospheres?