データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-4W2-R2/N

  • AI
    The **M2VF2-4W2-R2/N** is a high-precision, plug-in signal conditioner (specifically a **V-Network Variable Resistor Transmitter**) manufactured by **M-System**. It is designed to convert a variable resistor signal (like those from a potentiometer) into a standard DC output signal. ### 1. Key Technical Specifications The model number breaks down into specific electronic characteristics: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2VF2** | Series/Model | Variable Resistor Transmitter (Plug-in) | | **4W** | Output | 4 – 20 mA DC | | **2** | Power Input | 100V – 240V AC | | **R2** | Response Time | Standard (Approx. 0.5s) | | **N** | Standards | None (Standard industrial build) | --- ### 2. Core Electronic Components & Functions This device is composed of several critical internal stages that ensure signal integrity and isolation: #### A. Input Circuit (Potentiometer Interface) * **Reference Voltage:** Provides a stable voltage across the external variable resistor. * **Sensing:** It detects the position of the wiper. It is compatible with total resistances ranging from **100 $\Omega$ to 10 k$\Omega$**. #### B. Signal Isolation (Three-Way Isolation) One of the most important electronic features is the **2000V AC isolation** between: 1. **Input:** The variable resistor signal. 2. **Output:** The 4-20mA loop. 3. **Power:** The AC mains supply. *This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges.* #### C. Signal Conditioning & Linearization * **Zero/Span Adjustments:** Located on the front panel, these potentiometers allow the user to calibrate the 0% and 100% points. * **A/D and D/A Conversion:** High-resolution converters transform the analog resistance into a digital value for processing and back to a precise analog current. #### D. Output Stage * **Current Driver:** Specifically designed to drive a 4-20mA signal into loads up to **750 $\Omega$**. --- ### 3. Connection Diagram (Simplified) Below is a representation of the typical wiring for the M2VF2: ```text [ POTENTIOMETER ] [ M2VF2 UNIT ] [ RECEIVING INSTRUMENT ] (Terminal) (Terminal) (e.g., PLC Input) CW (1) --------------> Terminal 1 (High) Wiper(2) --------------> Terminal 2 (Wiper) CCW (3) --------------> Terminal 3 (Low) Terminal 4 (+) --------> (+) 4-20mA Input Terminal 5 (-) --------> (-) 4-20mA Input Terminal 7 (L) <-------- 100-240V AC Terminal 8 (N) <-------- 100-240V AC ``` --- ### 4. Physical Characteristics * **Housing Material:** Flame-resistant resin (black). * **Mounting:** DIN rail or surface mounting via a plug-in socket. * **LED Indicator:** Typically includes a power LED to indicate the internal DC supply status.
    ✨ Follow-up Questions
    • ⤷ What is the maximum allowable resistance for the potentiometer connected to this unit?
    • ⤷ How do I perform a Zero and Span calibration on the M2VF2?
    • ⤷ Can this model be used with a 24V DC power supply instead of AC?