データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-4W4-R2/X

  • AI
    The **M2VF2-4W4-R2/X** is a high-performance, industrial-grade **Signal Conditioner/Transmitter** (specifically a V-Unit) manufactured by **M-System**. It is primarily used in automation and process control to convert or isolate DC input signals into standardized DC output signals. --- ### 1. Key Technical Specifications Below is a breakdown of the electronic characteristics for this specific model: | Feature | Specification Details | | :--- | :--- | | **Model Series** | M2VF2 (Ultra-slim Signal Conditioner) | | **Input Type** | **4W**: 4 – 20 mA DC | | **Output Type** | **4**: 4 – 20 mA DC | | **Power Input** | **R2**: 11 – 27 V DC (Ripple 10% p-p max) | | **Options** | **/X**: Customized or special coating (often moisture/dust resistance) | | **Accuracy** | ±0.1% of span | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Dielectric Strength** | 2000 V AC @ 1 minute | | **Response Time** | $\le$ 0.5 seconds (0 – 90%) | --- ### 2. Functional Components The "Electronic Parts" of this device consist of several critical stages: #### A. Input Stage (Current Loop) * **Shunt Resistor:** Since the input is 4-20mA, the device uses a high-precision internal resistor to convert the current into a voltage signal. * **Protection Circuit:** Includes surge absorbers to protect against transients in the field wiring. #### B. Isolation Barrier * **Optical/Magnetic Couplers:** To achieve the 2000V isolation, the signal is modulated and passed across a physical gap using light (optocouplers) or magnetic induction (transformer). This prevents ground loops from damaging the PLC/DCS. #### C. Signal Processing * **Zero/Span Adjustments:** Accessible via the front panel. These are potentiometers or digital trims that allow for field calibration to ensure the 4mA and 20mA points are exact. * **Amplifier Circuit:** A high-linearity operational amplifier ensures the relationship between input and output remains 1:1. #### D. Output Stage * **Current Driver:** A dedicated circuit that maintains a constant current (4-20mA) regardless of the load resistance (up to a specified limit, typically 550 $\Omega$). --- ### 3. Connection Diagram Standard wiring for the M2VF2-4W4-R2: ```text [ FIELD SIDE ] [ M2VF2 UNIT ] [ CONTROL SIDE ] (4-20mA Sensor) ---------> [ Input Terminals ] [ Isolation ] --------> [ Output Terminals ] (To PLC) [ Power Terminals] ^ | (24V DC Source) ``` --- ### 4. Application Use Case This device is typically installed in an electrical cabinet on a DIN rail to: 1. **Eliminate Ground Loops:** When the sensor ground and the PLC ground are at different potentials. 2. **Signal Boosting:** To drive a 4-20mA signal over a very long distance. 3. **Equipment Protection:** Acts as a sacrificial barrier; if a surge hits the field wire, it destroys the M2VF2 instead of the expensive PLC I/O card.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 4-20mA output on this model?
    • ⤷ How do you perform a field calibration using the Zero and Span adjustments?
    • ⤷ Does the /X suffix indicate a specific conformal coating for harsh environments?