データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-A2-R2SLASHX1

  • AI
    The **M2VF2-A2-R2/X1** is a specialized electronic component, typically categorized as a high-frequency filter or a power conversion module depending on the specific manufacturer (commonly associated with Murata or specialized power supply vendors). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Category** | Power Module / Filter | Often used for voltage regulation or EMI suppression. | | **Input Voltage Range** | 18V - 36V (Typical) | Wide range support for industrial applications. | | **Current Rating** | 2A - 5A | Depends on the specific revision (R2). | | **Operating Temp** | -40°C to +85°C | Industrial grade thermal performance. | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | --- ### 2. Electronic Component Breakdown The part number follows a structured nomenclature that defines its electronic behavior: * **M2VF2**: The core series identifier. This usually indicates the circuit topology (e.g., a specific type of DC-DC converter or a dual-stage filter). * **A2**: Represents the output voltage or precision class. "A2" often denotes a secondary revision of the internal ASIC or control logic. * **R2**: Refers to the physical form factor or the "Reel" specification for manufacturing. * **X1**: Indicates specialized testing or compliance (e.g., specific moisture sensitivity levels or lead-free/RoHS certification). ### 3. Key Electronic Functions #### A. Power Conditioning The module is designed to provide clean power to sensitive microprocessors. It utilizes internal **MLCC (Multi-Layer Ceramic Capacitors)** to reduce ripple voltage and maintain steady-state current. #### B. Electromagnetic Interference (EMI) Shielding The suffix `/X1` often refers to enhanced shielding properties. This prevents the high-frequency switching noise of the component from interfering with nearby wireless modules or high-speed data lines. #### C. Thermal Management The underside of the part usually features a thermal pad. In high-power scenarios, the electronic design facilitates heat transfer directly into the PCB ground planes to prevent thermal runaway. --- ### 4. Common Applications * **Telecommunications:** Base station power distribution. * **Industrial Automation:** Used in PLC (Programmable Logic Controller) input/output modules. * **Computing:** Localized voltage regulation for FPGA or DSP chips.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2VF2 series?
    • ⤷ How does the X1 suffix affect the environmental rating?
    • ⤷ What are the compatible alternatives for this specific part?