データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VF2-B5W-R

  • AI
    The **M2VF2-B5W-R** is a specific model within the M2V series of signal conditioners/transmitters manufactured by **M-System** (now MG CO., LTD). This device is primarily used in industrial automation for signal isolation and conversion. ### 1. Key Technical Specifications Below are the primary electronic characteristics of the M2VF2-B5W-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Variable Output Transmitter (Signal Conditioner) | | **Input Signal** | 4 to 20 mA DC | | **Output Signal** | 1 to 5 V DC | | **Power Supply** | 100 – 240V AC (Standard wide-range) | | **Accuracy** | ±0.1% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | --- ### 2. Functional Electronic Parts & Design The device is composed of several critical internal stages that ensure precision and safety: #### A. Input Stage * **Current-to-Voltage Converter:** Since the input is 4-20mA, the device uses precision shunt resistors to convert current into a measurable voltage. * **Surge Protection:** Includes Zener diodes or varistors to protect internal circuitry from industrial electrical noise or spikes. #### B. Isolation Barrier * **Optocouplers / Transformers:** This model features **3-way isolation**. This means the Input, Output, and Power Supply are electronically separated. This prevents ground loops and protects sensitive PLCs or computers from high-voltage surges on the field side. #### C. Signal Processing (Amplification) * **Operational Amplifiers (Op-Amps):** High-precision, low-drift op-amps are used to scale the input signal to the desired 1-5V output range. * **Zero & Span Adjustment:** On the front panel, there are multi-turn potentiometers (trimmers) that allow manual calibration of the electronic offset (Zero) and gain (Span). #### D. Power Supply Unit (PSU) * **Switching Regulator:** The "W" in the model code typically signifies a wide-range AC power supply. It uses an internal AC/DC converter to provide stable DC rails for the internal electronics. --- ### 3. Connection Terminal Mapping The unit uses a plug-in base for easy wiring. The electronic connections are typically assigned as follows: | Terminal | Function | | :--- | :--- | | **1 & 2** | Output Signal (1-5V DC) | | **4 & 5** | Input Signal (4-20mA DC) | | **7 & 8** | Power Supply (AC Input) | --- ### 4. Application Context The **M2VF2-B5W-R** is electronically designed to sit between a field sensor (like a flow meter) and a controller (like a PLC). It ensures that the 4-20mA loop is converted to a voltage signal that the controller can process, while keeping both systems electrically isolated to ensure signal integrity.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the M2VF2-B5W-R?
    • ⤷ What are the benefits of 3-way isolation in this specific model?
    • ⤷ Can this device handle a 0-20mA input instead of 4-20mA?