データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VS-161-R2

  • AI
    The **M2VS-161-R2** is a high-performance **M.2 Video Capture Card** designed for industrial, medical, and professional broadcasting applications. It allows systems to capture high-definition video signals through an M.2 slot (typically found on motherboards or industrial PCs). --- ### 1. Key Technical Specifications The "161" series generally refers to a single-channel SDI (Serial Digital Interface) capture capability. | Component / Feature | Specification Details | | :--- | :--- | | **Interface** | M.2 (PCIe 2.0 x1) | | **Video Input** | 1x SD/HD/3G-SDI | | **Max Resolution** | 1920 x 1080p @ 60fps | | **Video Format** | YUY2, RGB24, RGB32 | | **Audio Support** | Embedded SDI Audio | | **Form Factor** | M.2 2280 (80mm length) | --- ### 2. Core Electronic Architecture The hardware design of the M2VS-161-R2 consists of several critical stages to convert raw video signals into data usable by a computer: #### A. SDI Receiver (Front-End) This section contains the BNC connector and an equalizer chip. It compensates for signal loss over long coaxial cables and de-serializes the SDI stream. #### B. FPGA / Image Processor The "brain" of the card. It handles: * **Color Space Conversion:** Converting SDI YUV signals to RGB or other formats. * **Scaling & De-interlacing:** Hardware-based resizing to reduce CPU load. * **DMA Engine:** Direct Memory Access, which pushes video data directly into the system RAM via the PCIe bus. #### C. Power Management (PMIC) M.2 slots provide 3.3V. The board utilizes DC-DC converters and Linear Regulators (LDOs) to step down voltages for the FPGA core (often 1.0V or 1.2V) and the I/O pins. #### D. Flash Memory A small SPI Flash chip stores the firmware/bitstream for the FPGA, ensuring the device initializes correctly upon power-up. --- ### 3. Application Use Cases * **Medical Imaging:** Capturing live feeds from endoscopes or ultrasound machines into a portable workstation. * **Defense & Aerospace:** Integrating video capture into ruggedized, small-form-factor computers. * **Live Streaming:** Using an industrial-grade card for 24/7 reliability compared to consumer USB dongles. --- ### 4. Integration Example (Pseudo-Code) When programming for this hardware (often using a vendor SDK or DirectShow), the initialization logic typically follows this structure: ```cpp // Conceptual initialization for M2VS Capture CaptureDevice m2Card; if (m2Card.Initialize(DEVICE_ID_M2VS_161)) { m2Card.SetVideoFormat(RESOLUTION_1080P, FRAME_RATE_60); m2Card.StartCapture(); // Callback function to handle incoming frames m2Card.OnFrameReceived([](FrameData data) { ProcessVideoFrame(data); }); } ```
    ✨ Follow-up Questions
    • ⤷What are the power consumption requirements for the M2VS-161-R2?
    • ⤷ Does this card support Linux drivers or only Windows?
    • ⤷ What is the difference between the R2 revision and the original R1?