M2VS-CB-R2
AI

The **M2VS-CB-R2** is a high-performance **Super-Mini Signal Conditioner** (specifically a Potentiometer Transmitter) manufactured by **M-System**. It is designed to take a variable resistance input (from a potentiometer) and convert it into a standardized isolated DC signal.
---
### 1. Key Electronic Specifications
The "R2" suffix in the model name indicates specific power and signal characteristics. Below are the primary electronic parameters:
| Component / Feature | Specification |
|:--- |:--- |
| **Input Signal** | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) |
| **Output Signal** | 4 to 20 mA DC (Current Loop) |
| **Power Input (R2)** | 11 to 27 V DC (Ripple 10% p-p max) |
| **Isolation** | 3-Way (Input to Output to Power) |
| **Isolation Strength** | 2000 V AC @ 1 minute |
| **Accuracy** | ±0.1% of span |
| **Response Time** | $\leq$ 0.5 seconds (0 to 90%) |
---
### 2. Functional Electronic Sections
The device is composed of three primary electronic stages that ensure signal integrity:
#### A. Input Stage (Potentiometer Interface)
* **Reference Voltage:** The device provides a stable DC voltage across the external potentiometer.
* **Sensing:** It measures the position of the wiper. Even if the total resistance of the potentiometer varies slightly due to temperature, the ratiometric measurement ensures accuracy.
* **Burnout Protection:** Includes circuitry to detect if the wire snaps. It can be configured to drive the output Upscale or Downscale in case of a failure.
#### B. Isolation Barrier
* **Galvanic Isolation:** Uses optoisolators or transformer coupling to physically separate the input, output, and power circuits.
* **Purpose:** This prevents "Ground Loops" which can destroy sensitive PLC inputs or introduce significant noise into the measurement.
#### C. Output Stage (Current Driver)
* **Precision Conversion:** Converts the processed internal signal into a linear 4-20mA current.
* **Load Resistance:** Capable of driving loads up to 550 $\Omega$.
* **Zero/Span Adjustments:** On the front panel, there are multi-turn trimmers to calibrate the 0% and 100% points.
---
### 3. Connection Diagram (Terminal Layout)
The unit uses a plug-in socket base (typically M2 series) with the following typical pin assignments:
| Terminal No. | Function | Description |
|:---:|:--- |:--- |
| **1** | Output (+) | Positive 4-20mA |
| **2** | Output (-) | Negative 4-20mA |
| **3** | Power (U) | +24V DC |
| **4** | Power (V) | 0V DC |
| **5** | Pot. High | Top end of potentiometer |
| **6** | Pot. Wiper | Sliding contact |
| **7** | Pot. Low | Bottom end of potentiometer |
---
### 4. Physical Characteristics
* **Construction:** Small-footprint (Super-mini) design for DIN rail mounting.
* **Material:** Flame-resistant black resin.
* **LED Indicator:** A power LED indicates the presence of the DC supply voltage.
- ⤷
How do I calibrate the Zero and Span on the M2VS-CB-R2?
- ⤷ What is the maximum allowable cable length for the potentiometer input?
- ⤷ Can this model be used with a 110V AC power source instead of DC?