データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VS-D2-R

  • AI
    The **M2VS-D2-R** is a specific model of signal conditioner (transducer) from the **M2 Series** manufactured by **M-System**. It is designed to convert a DC input signal into an isolated standard DC output signal. --- ### 1. Technical Specifications The model name "M2VS-D2-R" can be broken down into its specific electronic configurations: | Part Identifier | Specification | Description | | :--- | :--- | :--- | | **M2VS** | Model Series | DC Voltage Transmitter (Ultra-slim design) | | **D** | Input Signal | 0 – 10V DC | | **2** | Output Signal | 0 – 10V DC | | **R** | Power Input | 24V DC | ### 2. Core Electronic Components & Architecture The device functions through three primary stages to ensure signal integrity and safety in industrial environments: #### A. Input Stage * **Voltage Divider/Buffer:** High-impedance input circuitry ensures that the transmitter does not load the source signal. * **A/D Conversion (Internal):** Many modern M2 series units utilize digital processing to ensure high accuracy and linearity. #### B. Isolation Barrier * **Optocouplers or Transformers:** Provides **3-way isolation** (Input to Output to Power). * **Isolation Rating:** Typically rated for 2000V AC @1 minute. This protects sensitive PLC/DCS inputs from ground loops and high-voltage surges. #### C. Output Stage * **Operational Amplifiers:** Precisely scales the processed signal back to a 0-10V range. * **Short-circuit Protection:** The output is designed to withstand accidental short circuits without damaging the internal components. --- ### 3. Key Electronic Features * **Form Factor:** Plug-in socket base mounting (usually uses the M2BS base). * **Zero/Span Adjustment:** Small potentiometers located on the front panel allow for $\pm5\%$ fine-tuning of the signal. * **Response Time:** Fast response (typically $\leq 0.5$ seconds) for real-time monitoring. * **Status Indicator:** Equipped with a front-facing LED to indicate power status. ### 4. Application Context In an electronic system, the M2VS-D2-R acts as a **signal isolator**. If you have a sensor outputting 0-10V in a noisy factory environment, you run that signal through this device before it enters your controller. This prevents electrical noise and potential difference (ground loops) from destroying your control hardware. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between 2-way and 3-way isolation in this model?
    • ⤷ Can the M2VS-D2-R be recalibrated for a 4-20mA output?
    • ⤷ How does temperature drift affect the accuracy of this DC transmitter?