データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-12-R/N

  • AI
    The **M2VT-12-R/N** is a specific model of a **Mini-M Slim Signal Conditioner** manufactured by **M-System**. It is designed to take a variable resistance input (such as a potentiometer) and convert it into an isolated DC voltage or current output. --- ### 1. Model Code Breakdown The model number provides specific details about the electronic configuration of the device: | Code Segment | Description | Specific Specification | | :--- | :--- | :--- | | **M2VT** | Model Series | Potentiometer Transmitter | | **12** | Input Signal | Total resistance $100\ \Omega$ to $10\ \text{k}\Omega$ | | **-R** | Power Input | 24V DC | | **-N** | Output Signal | None (This usually implies a standard voltage output, typically 1–5V DC, but check specific datasheet options) | --- ### 2. Key Electronic Components & Functions The internal circuitry consists of several critical stages to ensure signal integrity: #### A. Input Stage (Potentiometer Interface) * **Reference Voltage:** The unit provides a stable reference voltage to the potentiometer. * **Burnout Protection:** It includes circuitry to detect if the potentiometer wire breaks. You can usually configure the output to go to a "High" or "Low" state during a failure. #### B. Isolation Barrier * **Three-Way Isolation:** This is a crucial electronic feature. The **Input**, **Output**, and **Power** lines are electrically isolated from each other. * **Benefit:** This prevents ground loops and protects sensitive control equipment (like a PLC) from high-voltage surges on the field side. #### C. Signal Conditioning & Output * **Zero/Span Adjustment:** Accessible potentiometers on the front of the unit allow for electronic calibration of the 0% and 100% points. * **Linearization:** The internal electronics ensure that the mechanical movement of the potentiometer is translated into a linear electrical signal. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 24V DC (±10%) | | **Current Consumption** | Approx. 60 mA | | **Input Resistance** | $100\ \Omega$ to $10\ \text{k}\Omega$ | | **Output Impedance** | Dependent on output type (typically $500\ \Omega$ max for current) | | **Response Time** | $\leq 0.5$ seconds (0–90%) | | **Accuracy** | ±0.1% of span | --- ### 4. Connection Diagram (General) ```text [Potentiometer] [M2VT Unit] [Receiver/PLC] (CW) 端子 1 <----------| Terminal 1 | (S) 端子 2 <----------| Terminal 2 |------> Output (+) (CCW)端子 3 <----------| Terminal 3 |------> Output (-) | | | Terminal 4 |------> 24V DC (+) | Terminal 5 |------> 24V DC (-) ``` ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate the Zero and Span on the M2VT-12?
    • ⤷ What is the specific isolation voltage rating for this model?
    • ⤷ Can this unit be used with a 2-wire transmitter?