データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-154-R

  • AI
    The **M2VT-154-R** is a high-performance **Signal Conditioner** (Transducer) manufactured by **M-System**. It is primarily used in industrial automation to convert standard instrumentation signals into isolated DC outputs. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Model Type** | M2VT (Mini-M Series) | | **Function** | Signal Conditioner / Isolator | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 24V DC (indicated by the "-R" suffix) | | **Accuracy** | ±0.1% | | **Isolation** | 3-way isolation (input to output to power) | | **Mounting** | DIN Rail Mounting | --- ### 2. Detailed Electronic Components & Functions The device is composed of several critical electronic stages that ensure signal integrity in noisy industrial environments: #### A. Input Stage * **Shunt Resistor:** Since the input is 4-20 mA, the device uses a high-precision shunt resistor to convert the current into a proportional voltage signal. * **Surge Protection:** Includes Zener diodes or varistors to protect internal circuitry from voltage spikes on the input line. #### B. Isolation Barrier (The Core) * **Optoisolators/Transformers:** The M2VT uses high-frequency transformer isolation. This electronically separates the input circuit from the output and power supply, preventing **ground loops** and protecting equipment from high-voltage transients. * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute. #### C. Signal Processing * **Operational Amplifiers (Op-Amps):** Low-drift amplifiers are used to scale and linearize the signal. * **Zero/Span Adjustments:** Accessible potentiometers on the front panel allow for fine-tuning the electronic calibration of the 4mA (Zero) and 20mA (Span) points. #### D. Output & Power Stage * **Current Driver:** A robust output stage capable of driving loads up to 550 $\Omega$. * **DC/DC Converter:** Because it is a 24V DC powered unit ("-R"), it contains an internal switching regulator to provide stable, isolated voltages to the internal analog components. --- ### 3. Application Use Case The **M2VT-154-R** is typically used when a PLC (Programmable Logic Controller) needs to receive a sensor signal from a long distance. 1. The sensor sends **4-20mA**. 2. The M2VT receives it, **filters out electrical noise**, and **isolates** the signal. 3. The M2VT outputs a clean, mirrored **4-20mA** signal to the PLC.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance the M2VT-154-R can drive?
    • ⤷ How do you calibrate the Zero and Span settings on this unit?
    • ⤷ What is the difference between the -R and -M power supply suffixes for M-System units?