データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-163-R/CE

  • AI
    The **M2VT-163-R/CE** is a high-precision, plug-in type signal conditioner (specifically a potentiometer transmitter) manufactured by **M-System**. It is designed to measure the resistance of a potentiometer or a slidewire and convert it into a standard analog signal (voltage or current). --- ### 1. Key Technical Specifications The model code breaks down into specific electronic characteristics: | Code Segment | Description | Details | |:---|:---|:---| | **M2VT** | Model Series | Potentiometer Transmitter (Mini-M Series) | | **163** | Configuration | Specific input/output scaling (typically field-configurable) | | **R** | Power Input | 24V DC | | **CE** | Certification | CE Marking (European Conformity) | --- ### 2. Electronic Functionality The M2VT functions through a series of internal electronic stages to ensure accuracy and isolation: * **Excitation Voltage:** The device provides a small, stable reference voltage across the external potentiometer. * **A/D Conversion:** The analog resistance value is converted into a digital signal for processing. This allows for linearization and zero/span adjustments. * **Isolation (Three-way):** The electronics are designed to provide isolation between: 1. The Input (Potentiometer) 2. The Output (Analog signal) 3. The Power Supply * *Benefit:* This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges. * **D/A Conversion:** The processed signal is converted back into a high-resolution analog output (e.g., 4-20mA or 0-10V). --- ### 3. Connection and I/O Structure The device uses a standard 8-pin base. The electronic wiring typically follows this logic: | Terminal | Function | Description | |:---|:---|:---| | **1 & 2** | Output | Analog output signal (+) and (-) | | **3 & 4** | Power | 24V DC Input | | **5, 6, 7** | Input | Potentiometer (CW, Wiper, CCW) | | **8** | Ground | Functional earth | --- ### 4. Hardware Characteristics * **Zero/Span Adjustments:** Accessible from the front panel via trim potentiometers to calibrate the 0% and 100% points. * **Housing:** Compact, flame-resistant resin. * **Response Time:** Typically $\leq$ 0.5 seconds (to 90% of signal change). * **Status Indicator:** Usually equipped with a Power LED to confirm internal electronic health.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2VT-163-R/CE?
    • ⤷ How do I calibrate the zero and span settings on this signal conditioner?
    • ⤷ What are the common output signal options for the M2VT series?