データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-16D-R/Q

  • AI
    The **M2VT-16D-R/Q** is a high-precision, signal-conditioning plug-in module, typically manufactured by companies like **M-System**. This specific model is a **Potentiometer Transmitter**, designed to convert resistance changes from a potentiometer into a standardized DC signal. --- ### 1. Model Breakdown The alphanumeric code identifies the specific electrical characteristics of the unit: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2VT** | Series Name | Mini-M Series Signal Conditioner | | **16** | Input Type | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **D** | Output Type | 0 – 20 mA DC (Configurable) | | **R** | Power Input | 24V DC | | **Q** | Option Code | Usually designates specialized standards or coatings | --- ### 2. Core Electronic Components & Functions The internal circuitry of the M2VT-16D-R/Q is designed for industrial isolation and precision. #### A. Input Circuit (Potentiometer Interface) * **Constant Voltage Source:** The device applies a stable reference voltage across the potentiometer. * **Wiper Sensing:** High-impedance circuitry detects the voltage at the wiper without loading the circuit, ensuring linearity. #### B. Isolation Barrier * **Three-Way Isolation:** The electronics are designed to isolate the **Input**, **Output**, and **Power** supply from one another (usually up to 2000V AC). This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges. #### C. Signal Conversion (Amplification) * **Operational Amplifiers:** High-precision op-amps scale the millivolt signal from the potentiometer to the desired current output. * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for manual calibration of the minimum (Zero) and maximum (Span) points. #### D. Power Management * **DC/DC Converter:** Since the unit is powered by 24V DC, internal converters regulate this power to stable internal voltages for the logic and sensing components. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Resistance** | Total resistance $100 \Omega$ to $10 k\Omega$ | | **Minimum Span** | 10% of total resistance | | **Output Range** | 0 to 20 mA DC | | **Accuracy** | $\pm$0.1% | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Mounting** | DIN Rail | --- ### 4. Wiring Pinout (Typical) * **Terminals 1, 2, 3:** Input from Potentiometer (1: High, 2: Wiper, 3: Low). * **Terminals 4, 5:** Output Signal (+ / -). * **Terminals 6, 7:** Power Supply (24V DC).
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span on the M2VT-16D?
    • ⤷ What are the common industrial applications for potentiometer transmitters?
    • ⤷ Can this module be used with a 3-wire RTD instead of a potentiometer?