データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-16D-R2

  • AI
    The **M2VT-16D-R2** is an industrial-grade interface module, typically part of a signal conditioning or I/O system (often associated with brands like M-System). It functions primarily as a **Discrete Input/Output Module** or a **Relay Output Terminal**. Below is a breakdown of its electronic components, technical specifications, and functions. --- ## 1. Core Technical Specifications The "16D" in the model name generally refers to a 16-channel density. | Feature | Specification Details | | :--- | :--- | | **Channels** | 16 Channels | | **I/O Type** | Discrete / Digital (Contact inputs or Relay outputs) | | **Voltage Rating** | Typically 24V DC logic | | **Isolation** | Optical or Transformer isolation between field and logic | | **Mounting** | DIN Rail or Rack Mount | | **Connector Type** | Multi-pin header (ribbon cable) or Screw terminals | --- ## 2. Key Electronic Components The internal circuitry of the M2VT-16D-R2 is designed for industrial ruggedness and signal integrity. ### A. Isolation Barriers (Optocouplers) To protect the programmable logic controller (PLC) or computer from high-voltage spikes in the field, each of the 16 channels uses **Optoisolators**. These convert electrical signals into light and back to electricity, ensuring no physical copper connection exists between the field sensors and the control logic. ### B. Switching Elements (Relays or Transistors) * **Mechanical Relays:** Provide dry contact outputs, capable of handling higher currents and AC/DC loads. * **Transistors (SSR):** If the version is solid-state, it uses MOSFETs or BJTs for high-speed switching and longer life cycles compared to mechanical parts. ### C. Signal Conditioning Circuitry Each channel includes: * **LED Status Indicators:** Visual confirmation of the logic state (ON/OFF). * **Flyback Diodes:** Protects the internal switching transistors from inductive kicks (back-EMF) when driving solenoid valves or motors. * **Debounce Filters:** RC circuits or logic gates that prevent "contact bounce" from being interpreted as multiple signals. --- ## 3. Connection and Architecture The R2 revision typically denotes a specific hardware update focusing on power efficiency or terminal layout. * **Logic Side:** Connects via a high-density ribbon cable to the base unit or PLC. * **Field Side:** Uses a terminal block (often detachable) to wire sensors, limit switches, or actuators. * **Power Supply:** Usually requires a stabilized 24V DC source to power the internal relay coils and LEDs. --- ## 4. Typical Applications 1. **Remote I/O:** Expanding the number of digital inputs on a PLC. 2. **Signal Interfacing:** Converting high-voltage field signals to low-voltage TTL logic. 3. **Alarm Panels:** Driving 16 individual indicator lamps or buzzers.
    ✨ Follow-up Questions
    • ⤷ Is the M2VT-16D-R2 compatible with 120V AC field signals?
    • ⤷ What is the maximum current rating per channel for this module?
    • ⤷ How does the R2 revision differ from the original R1 version?