データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-16D-R2/Q

  • AI
    The **M2VT-16D-R2/Q** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. This specific model is designed to interface between field instrumentation and control systems (PLC/DCS) to provide signal conversion, isolation, and noise reduction. ### 1. Model Breakdown The alphanumeric code indicates specific hardware configurations: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2VT** | Model Series | Mini-M Series Signal Conditioner (Potentiometer Transmitter) | | **16** | Input/Output | 1 Input / 1 Output | | **D** | Output Signal | 0 – 20 mA DC | | **R2** | Power Supply | 100 – 240V AC | | **Q** | Option | Custom coating or specialized specifications | --- ### 2. Key Electronic Components & Features The internal circuitry of the M2VT-16D-R2/Q focuses on precision measurement and galvanic isolation. #### A. Input Circuit (Potentiometer Interface) * **Excitation Voltage:** Provides a stable voltage to the external potentiometer (typically around 0.5V DC). * **Resistance Range:** Designed to interface with potentiometers ranging from **100 $\Omega$ to 10 k$\Omega$**. * **Zero/Span Adjustments:** Onboard multi-turn trimmers allow for fine-tuning the electronic output relative to the physical position of the potentiometer. #### B. Isolation Barrier * **Three-Way Isolation:** The device provides electronic separation between **Input, Output, and Power**. * **Dielectric Strength:** Typically rated for 2000V AC @ 1 minute. * **Purpose:** Prevents ground loops and protects sensitive PLC inputs from high-voltage surges on the field side. #### C. Power Supply Section (R2) * **Switching Regulator:** Converts the wide-range AC input (100–240V) into stable internal DC rails. * **Protection:** Includes internal fuses and MOV (Metal Oxide Varistor) components for surge suppression. #### D. Output Stage (D) * **Current Driver:** A precision operational amplifier circuit that maintains a constant current (0-20mA) regardless of the load resistance (up to 750 $\Omega$). --- ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Insulation Resistance** | ≥ 100 M$\Omega$ with 500V DC | | **Construction** | Plug-in base (easy maintenance) | | **Housing Material** | Flame-resistant resin (Black) | --- ### 4. Typical Applications * **Valve Position Sensing:** Converting the resistance of a valve positioner into a 4-20mA control signal. * **Tank Level Monitoring:** Using float-based potentiometers. * **Motion Control:** Feedback for heavy industrial actuators.
    ✨ Follow-up Questions
    • What are the wiring diagrams for the input and output terminals of this model?
    • Can this unit be DIN-rail mounted or is a specific base required?
    • How does the 'Q' option affect the environmental protection rating?