データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-31-R2/Q

  • AI
    The **M2VT-31-R2/Q** is a high-precision, plug-in type signal conditioner (transmitter) manufactured by **M-System**. It is specifically designed to convert a variable resistor (potentiometer) input into a standard DC output signal. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. Functional Overview The M2VT series serves as an interface between mechanical sensing elements (like a position-sensing potentiometer) and a control system (PLC/DCS). | Feature | Specification | |:--- |:--- | | **Input Type** | Variable Resistor (Potentiometer) | | **Input Resistance** | Total resistance 100 $\Omega$ to 10 k$\Omega$ | | **Output** | 4 – 20 mA DC | | **Power Input** | 24V DC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Standard** | CE marking & UL/C-UL recognized | --- ### 2. Internal Electronic Architecture The device utilizes a modular electronic design to ensure signal integrity: * **Excitation Circuit:** Provides a constant reference voltage to the external potentiometer. * **Signal Conditioning Stage:** High-impedance instrumentation amplifiers capture the wiper voltage, ensuring minimal loading error on the potentiometer. * **Zero/Span Adjustment:** Multi-turn trim potentiometers located on the front panel allow for precise calibration of the 0% and 100% points. * **Isolation Barrier:** Uses optical or magnetic coupling to separate the input, output, and power circuits, preventing ground loops and protecting equipment from surges. --- ### 3. Model Code Breakdown (M2VT-31-R2/Q) The suffix codes determine the specific electronic hardware configuration: | Code | Meaning | Description | |:--- |:--- |:--- | | **3** | Input | Potentiometer | | **1** | Output | 4 – 20 mA DC | | **R2** | Power | 24V DC (Operable range 24V ±10%) | | **Q** | Option | Custom specified (Ex: special coatings or markings) | --- ### 4. Technical Specifications #### Electrical Performance * **Accuracy:** ±0.1% of span. * **Temperature Coefficient:** ±0.015% per °C (±0.008% per °F). * **Response Time:** ≤ 0.5 seconds (0 – 90%). * **Insulation Resistance:** ≥ 100 M$\Omega$ with 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground). #### Physical & Wiring * **Construction:** Plug-in base socket for easy maintenance without disconnecting wires. * **Housing:** Flame-resistant black resin. * **Connection:** M3.5 screw terminals. --- ### 5. Wiring Logic The electronic terminals are typically mapped as follows: 1. **Input:** Terminals for the "High", "Low", and "Wiper" of the potentiometer. 2. **Output:** Positive and Negative terminals for the 4-20mA loop. 3. **Power:** 24V DC supply pins.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ What is the maximum load resistance supported for the 4-20mA output?
    • ⤷ Can this unit be used with a 3-wire potentiometer?