データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-3C-R2/Q

  • AI
    The **M2VT-3C-R2/Q** is a high-precision, plug-in type signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to convert a variable resistance input (such as a potentiometer) into a standardized DC output signal. Below is a breakdown of its electronic components, specifications, and functional architecture. --- ### 1. Technical Specifications The model number code provides specific details about the internal electronic configuration: | Component Code | Description | Details | | :--- | :--- | :--- | | **M2VT** | Model Series | Potentiometer Transmitter (Mini-M Series) | | **3** | Input Type | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **C** | Output Signal | 1 – 5V DC (Load resistance 2500 $\Omega$ min.) | | **R2** | Power Input | 110V AC (Operating range 100 – 120V AC) | | **Q** | Special Option | Conformal coating or specific custom tuning | --- ### 2. Internal Electronic Architecture The device consists of several key functional blocks: #### A. Input Circuit (Potentiometer Interface) * **Excitation Voltage:** The unit provides a constant voltage to the potentiometer. * **Reference Voltage Source:** High-stability zener diodes or precision voltage references are used to ensure the excitation voltage does not drift with temperature. #### B. Signal Conditioning & Isolation * **Operational Amplifiers:** High-impedance op-amps pick up the wiper position without loading the potentiometer, preventing linearity errors. * **Optical/Magnetic Isolation:** The "3-port isolation" (Input to Output to Power) is typically achieved using high-speed optocouplers or miniature transformers. This protects the control system from surges and ground loops. #### C. Power Supply Section * **Transformer-based Step-down:** Since the "R2" code indicates AC power, an internal miniature transformer steps down the voltage. * **Rectification & Regulation:** Bridge rectifiers and linear regulators (like the 78xx series) provide clean DC power to the internal logic. #### D. Adjustments (Front Panel) * **Zero & Span Potentiometers:** Multi-turn trim pots allow the user to calibrate the 0% and 100% output points to compensate for mechanical installation offsets. --- ### 3. Key Electronic Features 1. **Three-Port Isolation:** 2000V AC isolation between input, output, and power. 2. **Linearization:** The internal circuitry ensures that the output voltage is strictly proportional to the resistance change of the potentiometer. 3. **Noise Filtering:** Built-in low-pass filters to eliminate electromagnetic interference (EMI) from the sensing lines. --- ### 4. Connection Diagram (General) ```text Terminal | Function ---------|---------- 1 | Output (+) 2 | Output (-) 3 | Input (High/CW) 4 | Input (Wiper) 5 | Input (Low/CCW) 7 | Power (L) 8 | Power (N) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific environmental conditions supported by the 'Q' option?
    • ⤷ How do you calibrate the Zero and Span on this specific model?
    • ⤷ Can this unit be used with a 2-wire resistive sensor instead of a 3-wire potentiometer?