データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-A11-R2

  • AI
    The **M2VT-A11-R2** is a high-performance **Transistor-Output Analog Signal Conditioner** (specifically a V/I isolator) manufactured by M-System. It is designed to convert and isolate DC input signals into standard DC output signals. --- ### 1. Key Technical Specifications The "M2VT" series is known for its "Mini-M" plug-in structure. Here is the breakdown of the technical parameters for the **A11-R2** model: | Component / Feature | Specification | |:---|:---| | **Model Series** | M2VT (Isolator) | | **Input Signal (A)** | 4 – 20 mA DC | | **Output Signal (1)** | 4 – 20 mA DC | | **Power Input (R)** | 24V DC | | **Configuration (2)** | Standard Model (High-accuracy) | | **Accuracy** | ±0.1% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | Input to output to power (2000V AC) | --- ### 2. Internal Electronic Architecture The device utilizes a sophisticated circuit design to ensure signal integrity in industrial environments: * **Signal Isolation:** Uses an optical or magnetic coupling method to provide 3-way isolation. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side. * **Power Supply:** Features a switching regulator to convert the 24V DC input into stable internal operating voltages. * **Zero/Span Adjustments:** On the front panel, there are two potentiometers (trimmer resistors) that allow for fine-tuning the electronic offset and gain. * **Housing:** A plug-in base structure that allows the electronic module to be replaced without disconnecting the field wiring. --- ### 3. Connection Pin Map The M2VT series uses a standard 8-pin base. Typical electronic connections are as follows: ```text Pin 1: Input (+) Pin 2: Input (-) Pin 4: Output (+) Pin 5: Output (-) Pin 7: Power (L+) Pin 8: Power (N-) ``` --- ### 4. Common Applications * **Ground Loop Elimination:** Resolving potential differences between sensor grounds and controller grounds. * **Signal Boosting:** Providing extra drive capability for long-distance current loops. * **Noise Reduction:** Filtering electromagnetic interference (EMI) from industrial machinery.
    ✨ Follow-up Questions
    • What is the difference between the M2VT and the M2RS series?
    • How do I calibrate the Zero/Span on an M2VT-A11-R2?
    • Can the output be changed from Current to Voltage via internal jumpers?