データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-AC-R

  • AI
    The **M2VT-AC-R** is a high-performance, plug-in type signal conditioner (transmitter) manufactured by **M-System**. Its primary electronic function is to accept an AC voltage input and convert it into a standardized, isolated DC output signal. --- ### 1. Technical Specifications The model number breakdown reveals the specific electronic characteristics of this unit: | Feature | Specification | | :--- | :--- | | **Model** | M2VT (AC Voltage Transmitter) | | **Input** | AC Voltage (e.g., 0–110V, 0–220V AC) | | **Output** | DC Current or Voltage (Standardized) | | **Power Input (R)** | 24V DC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Accuracy** | ±0.3% to ±0.4% (depending on configuration) | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | --- ### 2. Core Electronic Components & Architecture The device is composed of several functional blocks that ensure signal integrity and safety: #### A. Input Conditioning Stage * **Step-down Transformer/Attenuator:** Reduces high AC voltage levels to low-level electronics-compatible voltages. * **Rectifier Circuit:** Converts the AC waveform into a pulsating DC signal. * **RMS or Average Sensing:** Depending on the sub-model, it uses an RMS converter IC to accurately measure non-sinusoidal waveforms. #### B. Isolation Barrier * **Optical or Magnetic Isolators:** This is a critical electronic safety feature. It uses optocouplers or small transformers to pass signal data without physical electrical contact. * **Purpose:** Prevents high-voltage surges on the input side from damaging the PLC/DCS connected to the output. #### C. Output Scaling * **Operational Amplifiers (Op-Amps):** Used to scale the rectified signal to the desired range (e.g., 4–20mA or 0–10V). * **Zero/Span Adjustments:** Potentiometers located on the front panel allow manual calibration of the electronic offset and gain. --- ### 3. Wiring Configuration The unit typically uses a socket-mount base (e.g., M2 series base) for easy maintenance. ```text Terminal Connections (Typical): [1] - Input AC (L) [2] - Input AC (N) [4] - Output DC (+) [5] - Output DC (-) [7] - Power Supply 24V DC (+) [8] - Power Supply 24V DC (-) ``` --- ### 4. Key Electronic Features * **3-Way Isolation:** The power, input, and output circuits are all electronically separated from one another. * **Filter Circuitry:** Built-in low-pass filters to remove high-frequency noise from the AC line, ensuring a smooth DC output. * **DIN Rail Mounting:** The electronic housing is designed for industrial environments with high vibration resistance.
    ✨ Follow-up Questions
    • ⤷What are the specific input range options for the M2VT series?
    • ⤷ How does the 'RMS' version differ from the 'Mean Value' version in electronic terms?
    • ⤷ What is the maximum load resistance supported by the 4-20mA output on this device?