データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-BC-R/K

  • AI
    The **M2VT-BC-R/K** is a specific model within the **M2VT Series** of plug-in type signal conditioners (transmitters) manufactured by **M-System**. This particular unit is a **Potentiometer Transmitter**, designed to detect the position/resistance of a potentiometer and convert it into a standard instrumentation signal. --- ### 1. Model Breakdown (Nomenclature) The model code can be broken down to understand its specific electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2VT** | Model Series | Potentiometer Transmitter (M2-System) | | **BC** | Output Signal | **4 to 20 mA DC** | | **R** | Power Input | **24V DC** | | **K** | High-Accuracy | Special high-precision version (Optional) | --- ### 2. Electronic Specifications The device acts as an interface between a mechanical positioner (like a valve sensor) and a control system (PLC/DCS). #### Input Side (Potentiometer) * **Resistance Range:** Typically 100 $\Omega$ to 10 k$\Omega$. * **Excitation Voltage:** Approximately 0.5V DC. * **Burnout Protection:** Upscale protection is standard (signals a failure if the wire breaks). #### Output Side (Current Loop) * **Signal Type:** 4 to 20 mA DC. * **Load Resistance:** Maximum 550 $\Omega$. * **Response Time:** $\leq$ 0.5 seconds (0 – 90%). #### Power & Isolation * **Supply Voltage:** 24V DC ($\pm$ 10%). * **Isolation Structure:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** 2000V AC @ 1 minute (Input or output or power to ground). --- ### 3. Key Internal Components & Features The M2VT-BC-R/K utilizes several critical electronic design patterns: 1. **Zero/Span Adjustments:** Located on the front panel, these allow for manual calibration of the 0% (4mA) and 100% (20mA) points to compensate for mechanical variances in the potentiometer. 2. **Linearization Circuitry:** Ensures that the resistance change of the potentiometer is converted into a strictly linear electrical output. 3. **Protective Housing:** It uses a plug-in base structure, allowing the electronic module to be removed or replaced without disturbing the permanent wiring on the base socket. 4. **Operational Status LED:** A power indicator LED is usually present on the front to confirm the 24V DC supply is active. --- ### 4. Typical Wiring Diagram ```text POTENTIOMETER INPUT OUTPUT (4-20mA) [1] <--- CW (High) [4] (+) [2] <--- Wiper [5] (-) [3] <--- CCW (Low) POWER SUPPLY [7] (+) 24V DC [8] (-) 0V ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the standard M2VT and the 'K' high-accuracy version?
    • ⤷ How do I calibrate the zero and span settings on this specific module?
    • ⤷ Can this transmitter be used with a 2-wire or 3-wire potentiometer configuration?