データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-C1-R2/K

  • AI
    The **M2VT-C1-R2/K** is a high-performance, signal-conditioning plug-in transducer, typically manufactured by **M-System**. It is specifically designed to convert a standard DC input into two isolated DC output signals. --- ### 1. Technical Specifications The model code breaks down into specific electronic characteristics: | Code Segment | Description | Details | | :--- | :--- | :--- | | **M2VT** | Model Series | V-Unit Signal Conditioner (Isolator) | | **C1** | Input Type | 1 – 5V DC | | **R2** | Output 1 & 2 | 4 – 20mA DC (Dual Output) | | **K** | Power Supply | 85 – 132V AC | ### 2. Key Electronic Components & Internal Architecture The device utilizes several core electronic principles to ensure signal integrity: * **Galvanic Isolation:** The device provides 3-way isolation between the **input**, **output**, and **power supply**. This protects sensitive PLC/DCS systems from ground loops and high-voltage surges. * **Operational Amplifiers (Op-Amps):** Used for precise signal scaling and impedance matching to ensure the 1-5V input is accurately reflected in the 4-20mA output. * **A/D and D/A Conversion:** Modern versions often use high-resolution converters to maintain linearity (typically $\pm0.1\%$) and temperature stability. * **Zero/Span Adjustments:** Located on the front panel, these potentiometers allow for fine-tuning the calibration of the electronic circuit. ### 3. Wiring Configuration To integrate this part into a circuit, the following terminal mapping is generally used: ```markdown Terminal | Function ---------|---------- 1 | Output 1 (+) 2 | Output 1 (-) 3 | Output 2 (+) 4 | Output 2 (-) 5 | Input (+) 6 | Input (-) 7 | Power (L) 8 | Power (N) ``` ### 4. Application Context * **Signal Splitting:** It takes one process variable (like pressure or temperature) and provides two identical signals for a controller and a local display simultaneously. * **Noise Filtering:** The internal electronics filter out high-frequency electromagnetic interference (EMI) often found in industrial environments. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum isolation voltage for the M2VT series?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ Can the output be changed from current to voltage in the field?