データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2VT-C1-R2SLASHK

  • AI
    The **M2VT-C1-R2/K** is a high-performance **M2-series signal conditioner** (specifically a Potentiometer Transmitter) manufactured by **M-System**. Its primary function is to detect a potentiometer's resistance position and convert it into a standard isolated DC signal. --- ### 1. Model Code Breakdown Understanding the electronic specifications requires decoding the model suffix: | Code Segment | Definition | Description | | :--- | :--- | :--- | | **M2VT** | Model Series | Potentiometer Transmitter (Plug-in type) | | **C1** | Input Signal | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **R2** | Output Signal | 4 – 20 mA DC (Load resistance 550 $\Omega$ max) | | **R** | Power Input | 24V DC | | **K** | Option | Multi-output / High-accuracy specifications | --- ### 2. Key Electronic Components & Functions The device is composed of several critical electronic stages to ensure signal integrity: #### A. Input Section (Potentiometer Interface) * **Constant Voltage Excitation:** The device applies a stable, low voltage across the potentiometer to measure the wiper position. * **Reference Resistance:** It can handle total resistances from 100 $\Omega$ up to 10 k$\Omega$. * **Burnout Protection:** Includes circuitry to detect if the wire to the potentiometer snaps, typically forcing the output to a specific safety level (High or Low). #### B. Signal Conditioning & Isolation * **Isolation Transformer:** Provides **three-way isolation** (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. * **Isolation Rating:** Typically rated for 2000V AC @1 minute. #### C. Output Drive Stage * **Current Source:** For the `R2` model, it generates a regulated 4–20 mA current loop. * **Operational Amplifiers:** Precision op-amps are used to ensure linearity (typically $\pm$0.1%) and low temperature drift. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 24V DC ($\pm$10%) | | **Power Consumption** | Approx. 3W | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Temperature Coefficient** | $\pm$0.015% per °C | | **Construction** | Plug-in base (M2 series standard) | | **Connection** | M3.5 Screw terminals | --- ### 4. Circuit Diagram Logic (Simplified) ```mermaid graph LR A[Potentiometer] --> B[Input Bridge] B --> C[Isolation Barrier] C --> D[V/I Conversion] D --> E[4-20mA Output] F[24V DC Power] --> C ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on the M2VT-C1-R2?
    • ⤷ What are the specific wiring requirements for the potentiometer input?
    • ⤷ Can this model be used with a 110V AC power supply instead of 24V DC?