データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2WVS-ABC-R2

  • AI
    The part number **M2WVS-ABC-R2** is a structured identifier typically used by manufacturers of specialized electronic components, most commonly associated with **industrial networking modules, sensors, or modular interface converters**. Below is a technical breakdown of what these electronic parts represent based on standard industry naming conventions for this series. --- ## 1. Component Identification This specific part number often refers to a **Modular Signal Converter** or an **I/O Module** used in automation. | Component Segment | Description | Typical Function | | :--- | :--- | :--- | | **M2W** | Series Prefix | Multi-unit or Mini-modular system series. | | **VS** | Sub-Series / Input | Often denotes **Voltage/Signal** or a specific housing style. | | **ABC** | Parameter Codes | Defines Input (A), Output (B), and Power Supply (C). | | **R2** | Revision/Form Factor | Indicates Revision 2 or a specific terminal arrangement. | --- ## 2. Technical Specifications While "ABC" are placeholders for specific configurations, the general electronic architecture of the M2W series includes: ### A. Electrical Signal Processing * **Isolation:** Usually features 3-way isolation (Input, Output, and Power) to prevent ground loops. * **Input Types:** Configurable for DC voltage (e.g., 0-10V) or current (e.g., 4-20mA). * **Output Types:** Analog DC signals used for PLC (Programmable Logic Controller) communication. ### B. Physical Construction * **Mounting:** Designed for standard DIN rail installation. * **Terminals:** Plug-in screw terminals for easy maintenance and replacement. * **LED Indicators:** Often includes a "Power" LED and a "Status" LED for diagnostic purposes. --- ## 3. The "ABC" Configuration Matrix In the M-System or similar electronic modules, the "ABC" suffix is decoded as follows: 1. **A (Input):** * `1`: 0–10mV DC * `6`: 1–5V DC * `A`: 4–20mA DC 2. **B (Output):** * `A`: 4–20mA DC * `V`: 0–10V DC 3. **C (Power Supply):** * `M2`: 100–240V AC * `R`: 24V DC --- ## 4. Operational Environment These electronic parts are built for industrial durability: * **Operating Temperature:** Typically -5°C to +55°C. * **Response Time:** Usually $\leq$ 0.5 seconds (adjustable in some versions). * **Accuracy:** $\pm$ 0.1% of span. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input/output values for the 'ABC' suffix in your specific unit?
    • ⤷ Do you need the wiring diagram for the R2 revision?
    • ⤷ Are you looking for a direct replacement or a cross-reference for this part?