データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2XM2-1V2-R

  • AI
    The **M2XM2-1V2-R** is a specific hardware component primarily used in industrial computing and storage expansion solutions. It is an **M.2 to M.2 extension or riser card**, designed to facilitate the connection of M.2 modules (like NVMe SSDs or communication cards) to a motherboard or carrier board, often providing mechanical clearance or signal routing. --- ### 1. Key Technical Specifications The "1V2" typically refers to the version (v1.2) of the PCB design. Below are the electronic characteristics: | Feature | Specification | |:---|:---| | **Form Factor** | M.2 (NGFF) | | **Interface Type** | M-Key or B+M Key (Depending on specific population) | | **Data Lanes** | Supports PCIe Gen 3 or Gen 4 (Backward compatible) | | **Input Voltage** | 3.3V (Standard for M.2) | | **Operating Temp** | Industrial Grade (-40°C to +85°C typically) | | **PCB Layers** | High-density multi-layer for signal integrity | --- ### 2. Electronic Component Breakdown Inside the PCB assembly of this part, you will typically find the following electronic elements: #### A. Signal Re-drivers / Differential Pairs Because this is an extension card, maintaining **signal integrity** is critical. The board uses impedance-controlled traces (usually 85Ω or 100Ω) to ensure that high-speed data packets from the NVMe drive do not degrade before reaching the CPU. #### B. Power Management (Filtering) To protect the connected M.2 device, the board includes: * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) used to filter high-frequency noise from the 3.3V power rail. * **Tantalum/Polymer Capacitors:** Used for bulk energy storage to handle sudden "inrush current" when an SSD powers up. #### C. Connector Pinout The part adheres to the M.2 standard pinout, which includes: * **PCIe Lanes:** Differential pairs for Transmit (TX) and Receive (RX). * **Clock Signals:** REFCLK+/- for synchronization. * **Control Signals:** PERST# (Reset), CLKREQ# (Clock Request), and PEWAKE# (Wake). --- ### 3. Common Use Cases * **Mechanical Offset:** Used in embedded systems where a standard M.2 drive would hit other components on the motherboard. * **Testing/Validation:** Often used in labs to prevent wear and tear on the expensive motherboard M.2 slots during frequent drive swaps. * **Thermal Management:** Elevating the drive away from the PCB to improve airflow. --- ### 4. Comparison Table: Standard M.2 vs. Extension (M2XM2) | Feature | Standard Slot | M2XM2-1V2-R Extension | |:---|:---|:---| | **Direct CPU Connection** | Yes | Yes (Via Extension) | | **Signal Latency** | Lowest | Negligible increase | | **Space Flexibility** | Fixed | High | | **Protection Circuitry** | Basic | Enhanced Filtering |
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the M2XM2-1V2-R?
    • ⤷ Does this riser support PCIe Gen 5 speeds?
    • ⤷ How does the 'R' suffix in the part number affect the RoHS compliance?