データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2XM2-1Z1-R/CE

  • AI
    The **M2XM2-1Z1-R/CE** is a specialized power distribution and control module, often associated with industrial automation systems or specific server/telecommunication power solutions. This model number typically refers to a **Power Distribution Unit (PDU)** or a **Remote Power Controller**. Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. Key Technical Specifications Based on industrial standards for the M2X series, here are the primary electrical characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 100V - 240V AC | | **Current Rating** | Generally rated for 10A to 16A per module | | **Configuration** | 1Z1 (Often indicates 1 input to specific output zones) | | **Communication** | R/CE (Indicates Remote monitoring and CE certification) | | **Mounting** | Rack-mounted or DIN-rail depending on the chassis | --- ### 2. Core Electronic Components The internal circuitry of the M2XM2-1Z1-R/CE is composed of several critical subsystems: #### A. Power Switching (Relays/SSR) * **Electromechanical Relays:** Used for switching high-current loads on and off. * **Protection:** Often includes snubbers to prevent arcing when inductive loads are switched. #### B. Monitoring Circuitry * **Current Transformers (CTs):** Small coils that wrap around the internal busbars to measure real-time amperage. * **Voltage Dividers:** Used to scale down the line voltage to levels manageable by the onboard Microcontroller (MCU). #### C. Control & Communication Logic * **Microcontroller (MCU):** The "brain" that processes sensor data and manages the communication protocol (Modbus, SNMP, or HTTP). * **Ethernet/Serial Controller:** Provides the "R" (Remote) functionality, allowing users to toggle power via a network. #### D. Protection Components * **MOVs (Metal Oxide Varistors):** Protect the internal electronics from transient voltage spikes (Surge Protection). * **Fuses/Breakers:** Critical for preventing thermal runaway or fire in the event of an over-current situation. --- ### 3. Functional Block Diagram (Simplified) ```mermaid graph LR A[AC Input] --> B[Surge Protection] B --> C[Current/Voltage Sensors] C --> D[Switching Relays] D --> E[Power Outlets] C -.-> F[Microcontroller] F --> G[Network Interface] F --> D ``` --- ### 4. Certification and Compliance The **"CE"** suffix in the part number indicates that the device meets European Union safety, health, and environmental protection requirements. This involves rigorous testing of: * **Electromagnetic Compatibility (EMC):** Ensuring the device doesn't interfere with other electronics. * **Low Voltage Directive (LVD):** Ensuring the insulation and grounding are safe for human operation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for this specific model?
    • ⤷ Does the M2XM2-1Z1-R/CE support SNMP protocol for remote management?
    • ⤷ What are the physical dimensions for rack installation?