データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2XU-R1V1-R

  • AI
    The **M2XU-R1V1-R** is a specific model of an **M2 Series signal conditioner/transmitter** manufactured by **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals between field sensors and control systems (PLC/DCS). ### 1. Model Code Breakdown The alphanumeric string represents specific hardware configurations: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | **M2XU** | Potentiometer Transmitter (Super-mini configuration) | | **Input** | **R1** | Potentiometer (Total resistance 100 $\Omega$ – 10 k$\Omega$) | | **Output** | **V1** | 0 – 10V DC (Voltage Output) | | **Power Supply** | **R** | 24V DC Power | --- ### 2. Key Electronic Components & Functions Internally, the M2XU-R1V1-R consists of several critical electronic stages: #### A. Input Stage (Potentiometer Interface) * **Excitation Voltage:** The unit provides a regulated reference voltage to the potentiometer. * **Input Impedance:** High input impedance to ensure minimal loading error on the sensor. * **Zero/Span Adjustments:** Potentiometers (trimmers) located on the front panel allow for analog calibration of the 0% and 100% points. #### B. Isolation Circuit * **Three-Way Isolation:** This is a core feature. It provides galvanic isolation between: 1. **Input** (The sensor) 2. **Output** (The PLC/Controller) 3. **Power** (The 24V supply) * **Benefit:** This prevents ground loops and protects sensitive control equipment from high-voltage surges on the field side. #### C. Signal Conversion & Scaling * **Operational Amplifiers (Op-Amps):** Used to linearize the resistance change from the potentiometer into a proportional voltage. * **Filtering:** Low-pass filters are integrated to remove high-frequency noise from the signal line. #### D. Output Stage * **Voltage Driver:** Specifically designed to provide a stable **0–10V DC** signal. * **Short-Circuit Protection:** Electronic protection to prevent damage if the output wires are accidentally crossed. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Construction** | Small-profile (Super-mini) plug-in base | | **Connection** | M3.5 screw terminals | | **Accuracy** | $\pm$0.1% | | **Temperature Coefficient** | $\pm$0.015% per °C | | **Isolation Resistance** | 100 M$\Omega$ minimum at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power) | --- ### 4. Wiring Diagram Concept ```text [ POTENTIOMETER ] [ M2XU UNIT ] [ CONTROL SYSTEM ] (Field Side) (Signal Cond.) (PLC / DCS) | | | Terminals 1,2,3 <------> Input Stage ------> Terminals 4,5 (0-10V) ^ | Terminal 7,8 (24V DC) ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings on this specific model?
    • ⤷ What is the maximum distance the 0-10V output signal can travel without significant loss?
    • ⤷ Can this unit be used with a 4-20mA input instead of a potentiometer?