データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2XU-R1V1-R/CE

  • AI
    The **M2XU-R1V1-R/CE** is a high-performance, ultra-slim signal conditioner (transducer) manufactured by **M-System**. It is primarily used in industrial automation to convert a DC input signal into a standard DC output signal while providing galvanic isolation. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Model Series** | M2XU (Ultra-Slim Signal Conditioners) | | **Input (R1)** | 4 – 20 mA DC | | **Output (V1)** | 0 – 10 V DC | | **Power Input (R)** | 24 V DC | | **Standards (CE)** | CE Marking compliant | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Mounting** | DIN Rail Mounting | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the M2XU-R1V1-R/CE consists of several critical stages to ensure signal integrity: #### A. Input Stage * **Precision Shunt Resistor:** Since the input is a current signal (4-20mA), a high-precision resistor converts the current into a proportional voltage for the internal electronics. * **Over-current Protection:** Protects the device against surges in the current loop. #### B. Isolation Barrier (The "Galvanic" Core) * **Optical or Transformer Isolation:** This is the most critical electronic feature. It physically separates the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage transients on the field side. #### C. Signal Processing & Conversion * **Operational Amplifiers (Op-Amps):** Low-drift amplifiers are used to scale and linearize the signal. * **Zero/Span Adjustments:** Accessible via the front panel, these potentiometers allow for fine-tuning the electronic offset (Zero) and the range (Span). #### D. Output Stage * **Voltage Driver:** Converts the processed internal signal into the 0-10V DC output. It is designed to maintain accuracy even with varying load impedances. --- ### 3. Connection Diagram Overview | Terminal No. | Function | Description | |:---:|:---|:---| | **1 & 2** | Output (+) / (-) | 0 – 10 V DC Output | | **3 & 4** | Power (+) / (-) | 24 V DC Supply | | **5 & 6** | Input (+) / (-) | 4 – 20 mA DC Input | --- ### 4. Summary of Benefits * **Space Saving:** The "ultra-slim" design allows for high-density packing on DIN rails. * **Signal Integrity:** By converting current to voltage and isolating the signal, it ensures that electromagnetic interference (EMI) does not corrupt the data being sent to a controller. * **Safety:** The CE certification ensures the electronic components meet European safety and EMC (Electromagnetic Compatibility) standards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance allowed for the 0-10V output?
    • ⤷ Does this model support 'Hot-Swapping' on the DIN rail?
    • ⤷ How do I calibrate the Zero and Span settings on this specific unit?