データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2XUM-R2V1-R

  • AI
    The **M2XUM-R2V1-R** is a specific model of an **M.2 Expansion Module** (specifically a riser or carrier card) often used in industrial computing, server environments, or embedded systems. Below is a breakdown of its electronic components and technical specifications. --- ### 1. General Overview This module is designed to bridge high-speed data signals between a motherboard's internal headers and M.2 peripherals. It is commonly associated with hardware manufacturers like **IEI Integration Corp**. ### 2. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Interface Type** | M.2 (NGFF) | | **Keying** | Typically B+M Key or M Key (depending on specific sub-revision) | | **Bus Interface** | PCIe (usually Gen 3.0) or SATA signals | | **Dimensions** | Standard M.2 form factor (likely 2242 or 2280) | | **Function** | Signal conversion/expansion for SSDs or AI accelerators | --- ### 3. Electronic Component Analysis The circuitry on the M2XUM-R2V1-R is composed of several critical electronic segments: #### A. Power Management (DC-DC Conversion) Because M.2 slots require a stable **3.3V** supply, the board contains: * **Voltage Regulators/LDOs:** To step down or stabilize input voltage from the host. * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) are placed near the M.2 connector to filter high-frequency noise and prevent voltage drops during high-speed data bursts. #### B. Signal Integrity Components * **Coupling Capacitors:** Used on the differential pairs (TX/RX) for PCIe signals to block DC bias and ensure high-speed AC coupling. * **Impedance Matching Resistors:** Ensure that the 85-100 ohm differential impedance is maintained to prevent signal reflection. #### C. Connectivity & Mechanicals * **M.2 Connector:** A high-density 75-pin connector. * **Edge Connector:** Gold-plated fingers for insertion into the host PCIe/M.2 slot. * **LED Indicators:** Often includes tiny SMD LEDs to indicate **Power (PWR)** and **Activity (ACT)** status. --- ### 4. Common Use Cases 1. **Storage Expansion:** Adding NVMe or SATA SSDs to systems with limited board space. 2. **AI Acceleration:** Hosting modules like the Intel Movidius Myriad X (often found in IEI Mustang-M2 modules). 3. **Industrial Networking:** Adapting M.2 WiFi or LTE/5G cards into specialized industrial headers. --- ### 5. Pinout Logic (Simplified) ` ` `text Pin 1-75: - 3.3V Rail: Power supply - GND: Grounding/Shielding - PETp/n & PERp/n: PCIe Transmit/Receive Differential Pairs - REFCLK: Reference Clock for synchronization - SMBus/I2C: For module identification and thermal monitoring ` ` `
    ✨ Follow-up Questions
    • ⤷ What are the specific PCIe lane configurations for the M2XUM-R2V1-R?
    • ⤷ Which specific industrial motherboards are compatible with this riser card?
    • ⤷ Does this model support NVMe Gen 4 speeds or is it limited to Gen 3?