データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2XUM-R2V2-M2

  • AI
    The **M2XUM-R2V2-M2** (often associated with high-performance storage or specialized motherboard expansion cards) is an M.2 NVMe expansion solution. Below is a breakdown of its electronic components, technical specifications, and architectural design. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | PCIe 4.0 x4 (Backward compatible with 3.0) | | **Form Factor** | M.2 2280 / 22110 | | **Connector** | M-Key (for NVMe SSDs) | | **Controller/Bridge** | Typically Passive (Direct CPU/PCH lanes) or Active (PLX Chip) | | **Voltage Input** | 3.3V (standard for M.2) | --- ### 2. Key Electronic Components The PCB (Printed Circuit Board) of this module consists of several critical layers and surface-mounted devices (SMDs): #### A. Power Management Integrated Circuits (PMIC) Since NVMe drives can draw significant power during peak read/write operations, the board includes: * **Voltage Regulators:** To ensure a steady 3.3V rail. * **Decoupling Capacitors:** Small ceramic capacitors (MLCCs) placed near the M.2 slot to filter high-frequency noise and prevent voltage drops. #### B. Signal Integrity Components * **Differential Pairs:** The copper traces are routed as differential pairs to maintain the integrity of the high-speed PCIe signals. * **Resistor Networks:** Used for impedance matching to prevent signal reflections that could cause data corruption. #### C. Thermal Management * **Thermal Pads:** Usually included to bridge the gap between the NAND flash/Controller and the heatsink. * **Copper Pours:** Large areas of copper on the internal layers of the PCB act as a heat sink to dissipate thermal energy. --- ### 3. Connection Architecture The device serves as a bridge between the storage medium and the motherboard. ```mermaid graph LR A[M.2 NVMe SSD] --> B[M.2 Slot M-Key] B --> C[PCB Traces / Impedance Matching] C --> D[PCIe Gold Fingers] D --> E[Motherboard PCIe Lane] ``` ### 4. Circuit Protection Most modern versions (R2V2) include protection features: 1. **Overcurrent Protection (OCP):** Fuses or ICs that break the circuit if the SSD draws too much power. 2. **ESD Protection:** Diodes that protect the sensitive controller from static electricity during installation. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for an M.2 NVMe SSD on this board?
    • ⤷ Does the M2XUM-R2V2-M2 support PCIe 5.0 speeds?
    • ⤷ How do I troubleshoot signal loss issues on this expansion card?