データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M34C02-R

  • AI
    ### Overview of the M34C02-R The **M34C02-R** is a specific type of EEPROM (Electrically Erasable Programmable Read-Only Memory) designed primarily for use in DRAM modules (DIMMs) to store configuration data, such as Serial Presence Detect (SPD). --- ### Technical Specifications The following table summarizes the key electrical and operational characteristics of the M34C02-R: | Parameter | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 bytes) | | **Interface** | I²C (Inter-Integrated Circuit) | | **Supply Voltage ($V_{CC}$)** | 1.7V to 3.6V (Low voltage operation) | | **Clock Frequency** | 400 kHz | | **Page Write** | Up to 16 bytes | | **Write Cycles** | 1,000,000 cycles | | **Data Retention** | 40 Years | | **Package Options** | TSSOP8, SO8, UFDFPN8 | --- ### Core Electronic Components & Features #### 1. The I²C Interface The device communicates via a two-wire serial interface consisting of: * **SCL (Serial Clock):** Used to synchronize data transfer. * **SDA (Serial Data):** A bidirectional line for sending and receiving data. #### 2. Address Inputs ($E_0, E_1, E_2$) These three pins allow for hardware addressing. By setting these pins to High (1) or Low (0), you can connect up to eight M34C02-R devices on the same I²C bus without address conflicts. #### 3. Write Protection Mechanism The "R" in the part number often denotes specific features related to the **Write Protection (WP)** pin or specialized register locking. * **Software Write Protection:** It includes a mechanism to permanently or semi-permanently lock the lower 128 bytes of the memory. This is critical for SPD applications where the module timing data must not be overwritten. * **Hardware Write Control:** The WP pin, when pulled High, prevents any Write operations to the memory. --- ### Internal Architecture ```mermaid graph TD A[SDA/SCL Lines] --> B[Control Logic] B --> C[Address Register] B --> D[EEPROM Array - 2Kb] E[E0, E1, E2] --> B F[WP Pin] --> B ``` 1. **Memory Array:** Organized as 256 words of 8 bits each. 2. **Input Filters:** The SCL and SDA inputs incorporate spike suppression filters to eliminate noise, ensuring data integrity in high-speed environments. 3. **Low Power Consumption:** It features a standby mode that triggers automatically after a write or read cycle, minimizing power draw in mobile or battery-operated devices. --- ### Common Applications * **DDR2/DDR3 SDRAM Modules:** Storing SPD data. * **Consumer Electronics:** Storing small amounts of configuration data or calibration settings. * **Identification:** Used for "Electronic Labels" in modular hardware systems.
    ✨ Follow-up Questions
    • ⤷ How does the software write protection differ from the hardware WP pin in the M34C02-R?
    • ⤷ What are the specific voltage requirements for the 'R' variant compared to the standard M34C02?
    • ⤷ Can you provide a wiring diagram example for connecting this chip to a microcontroller?